Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812S104M4RALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812S104M4RALTU
Description  Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812S104M4RALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1812S104M4RALTU Datasheet HTML 1Page - Kemet Corporation C1812S104M4RALTU Datasheet HTML 2Page - Kemet Corporation C1812S104M4RALTU Datasheet HTML 3Page - Kemet Corporation C1812S104M4RALTU Datasheet HTML 4Page - Kemet Corporation C1812S104M4RALTU Datasheet HTML 5Page - Kemet Corporation C1812S104M4RALTU Datasheet HTML 6Page - Kemet Corporation C1812S104M4RALTU Datasheet HTML 7Page - Kemet Corporation C1812S104M4RALTU Datasheet HTML 8Page - Kemet Corporation C1812S104M4RALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1014_X7R_FE-CAP_SMD • 10/14/2016
1
One world. One KEMET
Overview
KEMET’s Floating Electrode (FE-CAP) multilayer ceramic
capacitor in X7R dielectric utilizes a cascading internal
electrode design configured to form multiple capacitors
in series within a single monolithic structure. This
unique configuration results in enhanced voltage and
ESD performance over standard capacitor designs while
allowing for a fail-open condition if mechanically damaged
(cracked). If damaged, the device may experience a drop in
capacitance but a short is unlikely. The FE-CAP is designed
to reduce the likelihood of a low IR or short circuit condition
and the chance for a catastrophic and potentially costly
failure event.
Driven by the demand for a more robust and reliable
component, the FE-CAP was designed for critical
applications where higher operating temperatures and
mechanical stress are a concern. These capacitors are
manufactured in state of the art ISO/TS 16949:2009
certified facilities and are widely used in power supplies
(input and output filters) and general electronic applications.
Combined with the stability of an X7R dielectric, the FE-CAP
complements KEMET’s “Open Mode” devices by providing a
fail-safe design optimized for low to mid range capacitance
values. These devices exhibit a predictable change in
capacitance with respect to time and voltage and boast a
minimal change in capacitance with reference to ambient
temperature. Capacitance change is limited to ±15% from
−55°C to +125°C.
In addition to Commercial Grade, Automotive Grade devices
are available which meet the demanding Automotive
Electronics Council's AEC–Q200 qualification requirements.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Floating Electrode Design (FE-CAP), X7R Dielectric,
6.3 – 250 VDC (Commercial & Automotive Grade)
Ordering Information
C
0805
S
104
K
5
R
A
C
TU
Ceramic
Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated
Voltage
(VDC)
Dielectric
Failure
Rate/
Design
Termination Finish1
Packaging/
Grade (C-Spec)
0402
0603
0805
1206
1210
1812
S = Floating
Electrode
Two
significant
digits +
number of
zeros
J = ±5%
K = ±10%
M = ±20%
9 = 6.3
8 = 10
4 = 16
3 = 25
5 = 50
1 = 100
2 = 200
A = 250
R = X7R A = N/A C = 100% Matte Sn
L = SnPb (5% Pb minimum)
See
"Packaging
C-Spec
Ordering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
1
SnPb termination finish option is not available on automotive grade product.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1812S104M4RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812S103J1RAC KEMET-C1812S103J1RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J2RAC KEMET-C1812S103J2RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J3RAC KEMET-C1812S103J3RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J4RAC KEMET-C1812S103J4RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J5RAC KEMET-C1812S103J5RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
More results

Similar Description - C1812S104M4RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210S332JCGACTU KEMET-C1210S332JCGACTU Datasheet
797Kb / 23P
   Floating Electrode (FE-CAP), High Voltage C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
1/25/2023
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com