Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS2297B Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2297B
Description  Switch Power Supply PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2297B Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2297B Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2297B Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2297B Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2297B Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2297B Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2297B Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2297B Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2297B Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2297B Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/9
WS2297B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
VSENSE
SENSE input voltage
-0.3~7
V
VDRAIN
DRAIN pin voltage
-0.3~650
V
TJ
Operation Junction Temperature
-20~150
TSTG
Storage Temperature
-40~150
VCV
Vcc Clamp Voltage
35.5
V
ICC
Vcc Clamp Continuous Current
10
mA
Note: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only, functional operation of the device at these or any other conditions beyond those indicated in the
Recommended Operating Conditions section are not implied. Exposure to absolute maximum-rated conditions for extended
periods may affect device reliability.
ESD Information
Symbol
Parameter
Value
Unit
VESD-HBM
Human body model on all pins
3
KV
VESD-MM
Machine model on all pins
300
V
Electrical Characteristics
Supply Voltage (VDD)
symbol
parameter
Test condition
Min
Typ
Max
Unit
VDD_OP
Operation voltage
34
V
UVLO_ON
Turn on threshold Voltage
7.2
8.1
9.0
V
UVLO_OFF
Turn-off threshold Voltage
14.0
15.0
16.0
V
I_VDD_ST
Start up current
VDD=13V
4
10
uA
I_VDD_OP
Operation Current
VDD=16V, VFB=3V
GATE with 1nF to GND
1.7
2.5
mA
VDD_OVP
34.5
V
VDD_Clamp
VDD Zener Clamp Voltage
IVDD=10mA
35.5
V
Feedback Input Section
VFB_Open
VFB Open Loop Voltage
VDD=16V,FB open,
4.3
5.0
5.6
V
IFB_Short
FB Pin Short Current
FB Shorted to GND
0.22
0.315
0.41
mA
VTH_PL
Power limiting FB Threshold
VDD=16V
3.2
3.65
4.0
V
TD_PL
Power limiting Debounce
VDD=16V,FB open
48
60
72
ms
ZFB_IN
Input Impedance
VDD=16V,FB=2V/3V,CS open
13
16.5
20
kΩ
Current Sense Section
TLEB
Leading edge Blanking Time
330
ns
TD_OC
OCP control delay
GATE with 1nF to GND
70
ns
VTH_OC
OCP threshold
FB=3.4V
0.690
0.740
0.790
V
Max_OC
Max_OCP for line comp
FB=3.4V
0.9
0.95
1
V
Vth_SBD
CS threshold for SBD short
VDD=16V
2.0
V
Td_SBD
Delay of SBD short protect
8 PWM cycle
8
CLK
Oscillator Section


Similar Part No. - WS2297B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2293B WINSEMI-WS2293B Datasheet
381Kb / 9P
   Switching Mode Power Supply PWM Controller
WS2295B WINSEMI-WS2295B Datasheet
415Kb / 9P
   Switch Power Supply PWM Controller
More results

Similar Description - WS2297B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2295B WINSEMI-WS2295B Datasheet
415Kb / 9P
   Switch Power Supply PWM Controller
logo
Maxim Integrated Produc...
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
logo
Shenzhen Winsemi Microe...
WS2293B WINSEMI-WS2293B Datasheet
381Kb / 9P
   Switching Mode Power Supply PWM Controller
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
STMicroelectronics
TEA2261 STMICROELECTRONICS-TEA2261_03 Datasheet
118Kb / 11P
   SWITCH MODE POWER SUPPLY CONTROLLER
October 2003
TEA2260 STMICROELECTRONICS-TEA2260 Datasheet
160Kb / 9P
   SWITCH MODE POWER SUPPLY CONTROLLER
June 1992
TEA2262 STMICROELECTRONICS-TEA2262 Datasheet
90Kb / 9P
   SWITCH MODE POWER SUPPLY CONTROLLER
April 1996
STV4614C STMICROELECTRONICS-STV4614C Datasheet
816Kb / 10P
   SWITCH MODE POWER SUPPLY CONTROLLER
logo
International Rectifier
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com