Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3136.181HL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA3136.181HL
Description  Power Beads - PA3136.XXXHL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA3136.181HL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA3136.181HL Datasheet HTML 1Page - Pulse A Technitrol Company PA3136.181HL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P703.A (9/11)
1
pulseelectronics.com
SMT Power Inductors
Power Beads - PA3136.XXXHL Series
Current Rating: Over 90Apk
Inductance Range: 110nH to 235nH
Height: 4.0mm Max
Footprint: 13.8mm x 8.0mm Max
Halogen Free
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C 8
Part Number
Inductance 1
@ 0Adc
(nH
±15%)
Inductance
@ Irated
(nH TYP)
Irated 2
(ADC)
DCR 3
(m
Ω nominal)
Saturation Current 4
(A TYP)
Heating Current 5
(A TYP)
25
ºC
100
ºC
PA3136.101HL
110
88
49
0.23 +/- 10%
60
49
50
PA3136.121HL
120
96
46
53
46
PA3136.141HL
140
112
38
45
38
PA3136.161HL
160
128
34
40
34
PA3136.181HL
180
144
29
34
29
PA3136.211HL
210
168
25
30
25
PA3136.241HL
235
188
22.5
26
22.5
Notes:
1. Inductance measured at 100kHz, 100mArms.
2. The rated current as listed is either the saturation current or the heating current depending on which
value is lower.
3. The nominal DCR is measured from point a to point b , as shown below on the mechanical drawing.
4. The saturation current is the typical current which causes the inductance to drop by 20% at the stated
ambient temperatures (25°C and 100°C). This current is determined by placing the component in the
specified ambient environment and applying a short duration pulse current
(to eliminate self-heating effects) to the component.
5. The heating current is the DC current which causes the part temperature
to increase by approximately 40°C.
6. In high volt*time applications, additional heating in the component can occur due to core losses in
the inductor which may neccessitate derating the current in order to limit the temperature rise of the
component. To determine the approximate total losses (or temperature rise) for a given application,
the coreloss and temperature rise curves can be used.
7. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part number (i.e.
PA3136.121HL becomes PA3136.121HLT).
Pulse complies to industry standard tape and reel specification EIA481. The tape and reel for this prod-
uct has a width (W=24mm), pitch (Po=12.0mm) and depth (Ko=3.80mm).
8. The temperature of the component (ambient plus temperature rise) must be within the stated oper-
ating temperature range.
Mechanicals
PA3136.XXHL
Schematics
Weight...........................2.0 grams
Tape and Reel....................1250/tray
Inches
mm
Dimensions:
.010
0,25
Unless otherwise specified, all tolerences are
±
D/C
CTRY


Similar Part No. - PA3136.181HL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results

Similar Description - PA3136.181HL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4025.151HL PULSE-PA4025.151HL Datasheet
823Kb / 3P
   Power Beads - PA4025.XXXHL Series
PA2983.230HLT PULSE-PA2983.230HLT Datasheet
532Kb / 2P
   Power Beads - PA2983.XXXHL Series
PA3288.151HL PULSE-PA3288.151HL Datasheet
747Kb / 3P
   Power Beads - PA3288.XXXHL Series
PA4085.121HL PULSE-PA4085.121HL Datasheet
858Kb / 3P
   Power Beads - PA4085.XXXHL Series
PA3784.121HL PULSE-PA3784.121HL Datasheet
762Kb / 3P
   Power Beads - PA3784.XXXHL Series
PA4272.121HL PULSE-PA4272.121HL Datasheet
418Kb / 3P
   Power Beads - PA4272.XXXHL Series
PA2982.101HL PULSE-PA2982.101HL Datasheet
739Kb / 3P
   Power Beads - PA2982.XXXHL Series
PA3146.121HL PULSE-PA3146.121HL Datasheet
290Kb / 3P
   Power Beads - PA3146.XXXHL Series
PA3779.141HL PULSE-PA3779.141HL Datasheet
763Kb / 3P
   Power Beads - PA3779.XXXHL Series
PA4060.121HL PULSE-PA4060.121HL Datasheet
617Kb / 2P
   Power Beads - PA4060.XXXHL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com