Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1167.272NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P1167.272NL
Description  Shielded Drum Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P1167.272NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P1167.272NL Datasheet HTML 1Page - Pulse A Technitrol Company P1167.272NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
35
SPM2007 (11/07)
SMT POWER INDUCTORS
Shielded Drum Core - P1167NL Series
SUGGESTED PAD LAYOUT
.083
2,11
.287
7,29
.197
5,00
XXX
1
2
.297
7,54
.297
7,54
MAX
MAX
.177
4,50MAX
.197
5,00
.083
2,11
1
2
1
2
Mechanical
Schematic
Weight . . . . . . . . 0.9 grams
Tape & Reel . . . . . . 900/reel
Height: 4.8mm Max
Footprint: 7.5mm x 7.5mm Max
Current Rating: up to 3.5A
Inductance Range: 1.8µH to 750µH
.472
12,00
.630
16,00
TAPE & REEL LAYOUT
.220
5,60
.301
7,65
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Part 2,3
Inductance
Inductance
Irated 5
DCR (m
Ω
Ω)
Saturation
6
Heating
7
Core Loss
8
SRF
Number
@0A DC
@Irated
(A DC)
Current
Current
Factor
(MHz)
(
μH ±20%)
(
μH) MIN
TYP
MAX
-25% (A)
+40°C(A)
(K2)
P1167.272NL
2.7*
1.8
3.5
13
16
3.5
3.6
590
>40
P1167.362NL
3.6*
2.3
3.1
15
20
3.1
3.4
690
>40
P1167.452NL
4.5*
2.9
2.6
25
30
2.9
2.6
770
>40
P1167.542NL
5.4*
3.5
2.5
27
33
2.7
2.5
840
>40
P1167.632NL
6.3*
4.1
2.4
30
35
2.5
2.4
900
36
P1167.103NL
10
7.5
2.0
42
50
2.1
2.0
1100
26
P1167.123NL
12
9.0
1.9
46
57
1.9
1.9
1200
24
P1167.153NL
15
11.3
1.7
53
66
1.7
1.8
1300
20
P1167.183NL
18
13.5
1.5
59
73
1.5
1.7
1400
18
P1167.223NL
22
16.5
1.4
87
105
1.4
1.4
1700
17
P1167.273NL
27
20.3
1.2
100
130
1.2
1.3
1800
15
P1167.333NL
33
24.8
1.1
139
170
1.1
1.1
2000
13
P1167.393NL
39
29.3
1.0
156
200
1.0
1.0
2200
12
P1167.473NL
47
35.3
0.94
173
220
0.94
1.0
2400
10
P1167.563NL
56
42
0.86
225
270
0.86
0.86
2600
9.2
P1167.683NL
68
51
0.78
251
310
0.78
0.81
2900
8.8
P1167.823NL
82
61.5
0.7
282
350
0.7
0.77
3200
8.0
P1167.104NL
100
75
0.63
317
390
0.63
0.72
3500
6.2
P1167.124NL
120
90
0.57
418
530
0.57
0.63
3900
6.1
P1167.154NL
150
113
0.52
497
610
0.52
0.58
4300
5.6
P1167.184NL
180
135
0.47
635
820
0.47
0.51
4800
4.5
P1167.224NL
220
165
0.43
745
930
0.43
0.47
5200
4.3
P1167.274NL
270
203
0.39
840
1040
0.39
0.44
5700
3.8
P1167.334NL
330
248
0.35
1162
1470
0.35
0.38
6400
3.0
P1167.394NL
390
293
0.32
1237
1570
0.32
0.37
6900
2.8
P1167.474NL
470
353
0.29
1688
2180
0.29
0.31
7600
2.6
P1167.564NL
560
420
0.26
2240
2960
0.26
0.27
8300
2.4
P1167.684NL
680
510
0.23
2402
3180
0.23
0.26
9300
2.1
P1167.824NL
820
615
0.21
2702
3500
0.21
0.25
10000
2.0
P1167.105NL
1000
750
0.19
3703
4930
0.19
0.21
11000
1.8
* Inductance at 0A DC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts.
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C


Similar Part No. - P1167.272NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1167.272NL PULSE-P1167.272NL Datasheet
245Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167NL Series
More results

Similar Description - P1167.272NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
PA4334.221NLT PULSE-PA4334.221NLT Datasheet
321Kb / 3P
   Shielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com