Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMSPU01-05S15H Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMSPU01-05S15H
Description  1 Watt DC/DC Converter Single and Output Models
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMSPU01-05S15H Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMSPU01-05S15H Datasheet HTML 1Page - Wall Industries,Inc. DCMSPU01-05S15H Datasheet HTML 2Page - Wall Industries,Inc. DCMSPU01-05S15H Datasheet HTML 3Page - Wall Industries,Inc. DCMSPU01-05S15H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev C
DCMSPU01H SERIES
1 Watt
DC/DC Converter
Single and Output Models
11/17/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
NOTES
1.
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions
will not damage these modules; however they may not meet all specifications listed.
2.
We recommend protecting the converter by a fast blow fuse in the input supply line.
3.
Other inputs and output voltages may be available, please contact factory.
4.
To meet EN55022 Class A, an external filter is necessary. Please contact factory.
5.
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required. Suggested capacitor: 1800µF/50V
KY Al-E Cap.
6.
Natural convection is about 20LFM but is not equal to still air (0 LFM).]
7.
For Water-Washable process, add “W” to end of model number.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
Power Derating Curve


Similar Part No. - DCMSPU01-05S15H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1205-2 WALL-DCMSAU1205-2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
DCMSAU1205DH-1 WALL-DCMSAU1205DH-1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1205H-1 WALL-DCMSAU1205H-1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
More results

Similar Description - DCMSPU01-05S15H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
AM503-303N WALL-AM503-303N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com