Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMSAU2415H-1 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMSAU2415H-1
Description  1 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMSAU2415H-1 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMSAU2415H-1 Datasheet HTML 1Page - Wall Industries,Inc. DCMSAU2415H-1 Datasheet HTML 2Page - Wall Industries,Inc. DCMSAU2415H-1 Datasheet HTML 3Page - Wall Industries,Inc. DCMSAU2415H-1 Datasheet HTML 4Page - Wall Industries,Inc. DCMSAU2415H-1 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev B
DCMSAU1 SERIES
1 Watt DC/DC Power Converters
10/23/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size:
0.60 x 0.31 x 0.28 inches
15.3 x 8.0 x 7.1 mm
Weight:
0.08oz (2.2g)
FEATURES
1 Watt Output Power
Single & Dual Outputs
High I/O Isolation: 3000VDC
High Accuracy of Pin Planarity
MTBF > 2,000,000 Hours
Water-washable process available
-40°C to +85°C Operating Temperature
SMT Package with Industry Standard Pin-out
Qualified for Lead-free Reflow Solder Processes
According to IPC/JEDEC J-STD-020D
Tape & Reel Packaging Available
Efficiency up to 80%
DESCRIPTION
The DCMSAU1 series of DC/DC converters provides 1 Watt of output power in an SMT
package featuring high I/O isolation of 3000VDC. These converters operate over input voltage
ranges of 4.5~5.5VDC, 10.8~13.2VDC, and 21.6~26.4VDC. This series also has single and
dual output voltages of 5V, 12V, 15V, ±5V, ±12V, and ±15V. The DCMSAU1 series’ impressive
efficiencies enable these modules to deliver their fully rated output power from –40°C to +85°C
without a heatsink or forced-air cooling. The very small footprint of these converters makes
them an ideal solution for many applications where a voltage has to be isolated such as for
noise reduction, ground loop elimination in digital interfaces, or where a higher I/O isolation is
required. These converters are also fully qualified for the higher temperature profile used in
lead-free reflow solder processes. These converters can also be supplied in tape & reel
packaging for use in automated SMD production lines.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Load
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Min
Max
No Load
Max Load
DCMSAU505H-1
5 VDC
(4.5 - 5.5 VDC)
5 VDC
4mA
200mA
30mA
281mA
10%
1W
71%
33µF
DCMSAU512H-1
12 VDC
1.5mA
84mA
258mA
7%
1W
78%
4.7µF
DCMSAU515H-1
15 VDC
1mA
67mA
258mA
7%
1W
78%
4.7µF
DCMSAU1205H-1
12 VDC
(10.8 - 13.2
VDC)
5 VDC
4mA
200mA
12mA
117mA
8%
1W
71%
33µF
DCMSAU1212H-1
12 VDC
1.5mA
84mA
106mA
5%
1W
79%
4.7µF
DCMSAU1215H-1
15 VDC
1mA
67mA
104mA
5%
1W
80%
4.7µF
DCMSAU2405H-1
24 VDC
(21.6 - 26.4
VDC)
5 VDC
4mA
200mA
7mA
58mA
8%
1W
71%
33µF
DCMSAU2412H-1
12 VDC
1.5mA
84mA
53mA
5%
1W
78%
4.7µF
DCMSAU2415H-1
15 VDC
1mA
67mA
43mA
5%
1W
79%
4.7µF
DUAL OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Load
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Min
Max
No Load
Max Load
DCMSAU505DH-1
5 VDC
(4.5 - 5.5 VDC)
±5 VDC
±2mA
±100mA
30mA
277mA
10%
1W
72%
±10µF
DCMSAU512DH-1
±12 VDC
±0.8mA
±42mA
255mA
7%
1W
78%
±2.2µF
DCMSAU515DH-1
±15 VDC
±0.7mA
±34mA
258mA
7%
1W
79%
±2.2µF
DCMSAU1205DH-1
12 VDC
(10.8 - 13.2
VDC)
±5 VDC
±2mA
±100mA
12mA
112mA
8%
1W
74%
±10µF
DCMSAU1212DH-1
±12 VDC
±0.8mA
±42mA
105mA
5%
1W
80%
±2.2µF
DCMSAU1215DH-1
±15 VDC
±0.7mA
±34mA
104mA
5%
1W
81%
±2.2µF
DCMSAU2405DH-1
24 VDC
(21.6 - 26.4
VDC)
±5 VDC
±2mA
±100mA
7mA
57mA
8%
1W
72%
±10µF
DCMSAU2412DH-1
±12 VDC
±0.8mA
±42mA
53mA
5%
1W
79%
±2.2µF
DCMSAU2415DH-1
±15 VDC
±0.7mA
±34mA
53mA
5%
1W
80%
±2.2µF
NOTES
1. The DCMSAU1 series requires a minimum output loading to maintain specified regulations. Operation under no-load conditions will not
damage these devices; however they may not meet all listed specifications.
2. All DC/DC converters should be externally fused at the front end for protection.
3. Other input and output voltages may be available, please contact factory.
*Due to advances in technology, specifications are subject to change without notice.


Similar Part No. - DCMSAU2415H-1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU2415H-1 WALL-DCMSAU2415H-1 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
More results

Similar Description - DCMSAU2415H-1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RC12D12-42NH WALL-RC12D12-42NH Datasheet
478Kb / 5P
   1 Watt DC/DC Power Converters
DCMSW1 WALL-DCMSW1 Datasheet
708Kb / 5P
   1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1_18 Datasheet
666Kb / 5P
   1 Watt DC/DC Power Converters
RCSERIES WALL-RCSERIES Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
DCMAW1 WALL-DCMAW1 Datasheet
734Kb / 6P
   1 Watt DC/DC Power Converters
DCSD01 WALL-DCSD01 Datasheet
530Kb / 5P
   1 Watt DC/DC Power Converters
RC33S33-303NH WALL-RC33S33-303NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com