Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMFPU01-12S05H Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMFPU01-12S05H
Description  1 Watt DC/DC Converter Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMFPU01-12S05H Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMFPU01-12S05H Datasheet HTML 1Page - Wall Industries,Inc. DCMFPU01-12S05H Datasheet HTML 2Page - Wall Industries,Inc. DCMFPU01-12S05H Datasheet HTML 3Page - Wall Industries,Inc. DCMFPU01-12S05H Datasheet HTML 4Page - Wall Industries,Inc. DCMFPU01-12S05H Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
DCMFPU01H SERIES
1 Watt
DC/DC Converter
Single and Dual Outputs
11/18/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, Resistive Load, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
3.3V Input Models
2.97
3.3
3.63
VDC
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Surge Voltage (1 sec. max)
3.3V Input Models
-0.7
6
VDC
5V Input Models
-0.7
9
12V Input Models
-0.7
18
Input Filter
All Models
Internal Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±3.0
%Vnom.
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation
Io-10% to 100%
See Table
Voltage Balance
Dual Output, Balanced Loads
±0.1
±1.0
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
Single Output Models
220
µF
Dual Output Models
100
Ripple & Noise (20MHz bandwidth)
0-20 MHz bandwidth
100
mVp-p
Temperature Coefficient
±0.01
±0.02
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
Normal Vin at 25ºC
160
%
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection
-40
+90
ºC
Case Temperature
+95
ºC
Storage Temperature Range
-50
+125
ºC
Humidity
Non-Condensing
95
%RH
Cooling
Natural Convection
Lead Temperature
1.5mm from case for 10 sec.
260
ºC
MTBF (Calculated)
MIL-HDBK-217F@25ºC, Ground Benign
3,589,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
50
80
110
KHz
Isolation Voltage
60 Seconds
3000
VDC
Isolation Resistance
500VDC
10
G
Ω
Isolation Capacitance
100KHz, 1V
20
pF
PHYSICAL SPECIFICATIONS
Weight
0.069oz(1.95g)
Dimensions (L x W x H)
0.50in x 0.40in x 0.31in
(12.7mm x 10.2mm x 8.0mm)
Case Material
Non-Conductive Black Plastic
(Flammability to UL 94V-0 rated)
Pin Material
Tinned Copper
SAFETY CHARACHTERISTICS
Safety Approvals (Pending)
UL/cUL 60950-1 recognition (UL certificate), IEC/EN 60950-1 (CB report)
UL/cUL 62368-1 recognition (UL certificate), IEC/EN 62368-1 (CB report)
EMI(4)
Conduction
EN55032, EN55022, FCC part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air ±8kV, Contact ±6kV
A
Radiated Immunity
EN61000-4-3 10V/m
A
Fast Transient(5)
EN61000-4-4 ±2kV
A
Surge(5)
EN61000-4-5 ±1kV
A
Conducted Immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 3A/m
A


Similar Part No. - DCMFPU01-12S05H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02-05D05 WALL-DCMFW02-05D05 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02-05D12 WALL-DCMFW02-05D12 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02-05D15 WALL-DCMFW02-05D15 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02-05S033 WALL-DCMFW02-05S033 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCMFPU01-12S05H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
229Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
logo
Volgen Kaga Electronics...
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Wall Industries,Inc.
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com