Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMAPU01-05S09H Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMAPU01-05S09H
Description  DCMAPU01H SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAPU01-05S09H Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMAPU01-05S09H Datasheet HTML 1Page - Wall Industries,Inc. DCMAPU01-05S09H Datasheet HTML 2Page - Wall Industries,Inc. DCMAPU01-05S09H Datasheet HTML 3Page - Wall Industries,Inc. DCMAPU01-05S09H Datasheet HTML 4Page - Wall Industries,Inc. DCMAPU01-05S09H Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev B
DCMAPU01H SERIES
1 Watt
DC/DC Converter
Single and Dual Outputs
11/17/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
NOTES
1.
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage
these modules, however they may not meet all specifications listed.
2.
We recommend protecting the converter by a slow blow fuse in the input supply line.
3.
Other inputs and voltages may be available, please contact factory.
4.
To meet EN55022 Class A, an external filter is needed. Please contact factory.
5.
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required. Suggested capacitor is 680µF/50V KY Al-E Cap.
6.
“Natural Convection” is about 20LFM but is not equal to still air (0 LFM)
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
Power Derating Curve


Similar Part No. - DCMAPU01-05S09H

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMA-37-NMB-K47FO ITT-DCMA-37-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
logo
List of Unclassifed Man...
DCMA-37P ETC1-DCMA-37P Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37P ITT-DCMA-37P Datasheet
35Kb / 1P
   Datasheet for part number DCMA-37P
logo
List of Unclassifed Man...
DCMA-37P-FO ETC1-DCMA-37P-FO Datasheet
78Kb / 3P
   D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
ITT Industries
DCMA-37S-NMB-K47FO ITT-DCMA-37S-NMB-K47FO Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DCMAPU01-05S09H

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com