Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3305-200NI Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # AM3305-200NI
Description  Single Output Surface Mount Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

AM3305-200NI Datasheet(HTML) 3 Page - Wall Industries,Inc.

  AM3305-200NI Datasheet HTML 1Page - Wall Industries,Inc. AM3305-200NI Datasheet HTML 2Page - Wall Industries,Inc. AM3305-200NI Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 3
AMI Series
Single Output
Surface Mount Package
1 Watt DC/DC Converter
Rev A
DERATING CURVE
TOLERANCE ENVELOPE GRAPH
100
75
50
25
0
-40
85
100
Ambient Temperature()
Nature Convection
MECHANICAL DRAWING
Unit: inches (mm)
7.62
11.05
0.10MIN
2.54±0.10
0.5±0.05
0.75
2.54
1.95
12.70
1.50
1
3
7
14
8
5
12
10
SUGGESTED PAD LAYOUT
Output Current(%)
120%
110%
100%
90%
80%
70%
Ambient Temperature (°C)
Output Current (%)
Natural Convection
PIN CONNECTIONS
PIN
SINGLE OUTPUT
1
-Vin
3
+Vin
7
-Vout
8
+Vout
Others
NC
Tolerance: ±0.25
0.50 (12.70)
0.02 (0.5±0.05)
0.10 (2.54±0.10)
0.30 (7.62)
0.004 (0.10) min
0.44 (11.05)
0.06 (1.50)
0.10 (2.54)
0.03 (0.75)
0.08 (1.95)
SUGGESTED PAD LAYOUT


Similar Part No. - AM3305-200NI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
AM3305-200NI WALL-AM3305-200NI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
More results

Similar Description - AM3305-200NI

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
AMI WALL-AMI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
   Package, Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com