Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX25SA0800RHWBXZL-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # TX25SA0800RHWBXZL-PF
Description  TCXO, 2.5 x 2.0mm, Clipped sine wave
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TX25SA0800RHWBXZL-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  TX25SA0800RHWBXZL-PF Datasheet HTML 1Page - Advanced Crystal Technology TX25SA0800RHWBXZL-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TCXO/VC‐TCXO part number generation
TX25SA
2600
M
E
X
B
X
Z
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 26.00MHz =2600
       8.00MHz = 0800
14.7456MHz = 1474
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Output 
wave
Electrical 
tuning          
(±ppm)
 
Duty
 Cycle
Tape
 & 
Reel
RoHS
Code
TCXO = TX25SA
< 100MHz
First 4 digit of 
frequency 
> 100MHz First 5 
digit of frequency 
0.5 = R
1.0 = P
1.5 = O
2.0 = N
2.5 = M
3.0 = L
1.8V = D
2.4V = J
2.8V = H
3.0V = E
   0 ~ 50    = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30 ~ +75 = W
‐30 ~ +85 = X
CSW  = BNone = XNot 
specified
 = Z
Loose = L
1000  = C
3000  = D
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example part number : TX25SA2600MEXBXZL‐PF [26MHz], TX25SA1474MEXBXZL‐PF [14.7456MHz]
TX25SA Series
TCXO, 2.5 x 2.0mm, Clipped sine wave
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
Solder reflow profile
Test circuit 
CL
Pin 1
Pin 2
Pin 3
Pin 4
CD
RL
Output
GND
GND for TCXO
Vc for VCTCXO
Vcc
V
A
Supply
Vcc
0.01µF
Clipped sine waveform
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max
TCXO construction 
Crystal
Solder
IC
Ceramic package
Epoxy
Metal lid
Crystal top view
Ceramic package
Blank
 Drawing control: (Internal use only)
 Commodity code: 854370 90 99
 Issue number : 1
 Date : 24062016
 Internal reference : C1f


Similar Part No. - TX25SA0800RHWBXZL-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Ferroxcube Internationa...
TX25-15-10 FERROXCUBE-TX25-15-10 Datasheet
43Kb / 3P
   Ferrite toroids
logo
Japan Aviation Electron...
TX25-60P-6ST-H1E JAE-TX25-60P-6ST-H1E Datasheet
1,006Kb / 5P
   TX24/25 SERIES CONNECTORS
logo
Ferroxcube Internationa...
TX25/15/10 FERROXCUBE-TX25/15/10 Datasheet
43Kb / 3P
   Ferrite toroids
TX25/15/10-3E5 FERROXCUBE-TX25/15/10-3E5 Datasheet
43Kb / 3P
   Ferrite toroids
More results

Similar Description - TX25SA0800RHWBXZL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
   2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Advanced Crystal Techno...
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
MTRONPTI
M60641HSN MTRONPTI-M60641HSN Datasheet
882Kb / 2P
   2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com