Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM8530 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM8530
Description  14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8530 Datasheet(HTML) 2 Page - New Japan Radio

  NJM8530 Datasheet HTML 1Page - New Japan Radio NJM8530 Datasheet HTML 2Page - New Japan Radio NJM8530 Datasheet HTML 3Page - New Japan Radio NJM8530 Datasheet HTML 4Page - New Japan Radio NJM8530 Datasheet HTML 5Page - New Japan Radio NJM8530 Datasheet HTML 6Page - New Japan Radio NJM8530 Datasheet HTML 7Page - New Japan Radio NJM8530 Datasheet HTML 8Page - New Japan Radio NJM8530 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NJM8530/NJM8532/NJM8534
Ver.03
[
2]
BLOCK DIAGRAM
■ ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+-V-
15
V
Input Voltage
VIN
V
--0.3 to V++0.3(2)
V
Differential Input Voltage
VID
±1.0
(1)(2)
V
Input Current
IIN
2
(2)
mA
Power Dissipation
(3)
SOT-23-5
DMP8
SSOP8
MSOP8(TVSP8)
SSOP14
PD
2-layer / 4-layer
(4)
480 / 650
470 / 600
430 / 540
510 / 680
500 / 620
mW
Operating Temperature Range
Topr
-40 to +125
˚C
Storage Temperature Range
Tstg
-40 to +150
˚C
(1) Differential voltage is the voltage difference between +INPUT and -INPUT.
(2) The inputs are protected by diodes. If the differential input voltage exceeds 1.0V, the input current must be limited 2 mA or less
by using a restriction resistance.
Input voltages outside the supply voltage will be clamped by ESD protection diodes. If the input voltage exceeds the supply
voltage, the input current must be limited 2 mA or less by using a restriction resistance.
(3) Power dissipation is the power that can be consumed by the IC at Ta=25°C, and is the typical measured value based on
JEDEC condition. When using the IC over Ta=25°C subtract the value [mW/°C]=PD/(Tstg(MAX)-25) per temperature.
(4) 2-layer: EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2-layers, FR-4) mounting
4-layer: EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 4-layers, FR-4) mounting
■ RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V
+-V-
Single Supply
1.8
14
V
V
+/V-
Dual Supply
±0.9
±7
V
V+
OUTPUT
+INPUT
-INPUT
V-
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
Ambient Temperature [ºC]
Power Dissipation vs. Temperature
MSOP8(TVSP8)
DMP8
SOT-23-5
SSOP14
SSOP8
2-Layer
4-Layer


Similar Part No. - NJM8530

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
More results

Similar Description - NJM8530

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7028 NJRC-NJU7028 Datasheet
320Kb / 10P
   13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7067 NJRC-NJU7067 Datasheet
396Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Dual CMOS Operational Amplifier
Ver.01
NJU7068 NJRC-NJU7068 Datasheet
413Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com