Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRGS Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # CRGS
Description  SMD Anti-Surge Thick Film Chip Resistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CRGS Datasheet(HTML) 6 Page - TE Connectivity Ltd

  CRGS Datasheet HTML 1Page - TE Connectivity Ltd CRGS Datasheet HTML 2Page - TE Connectivity Ltd CRGS Datasheet HTML 3Page - TE Connectivity Ltd CRGS Datasheet HTML 4Page - TE Connectivity Ltd CRGS Datasheet HTML 5Page - TE Connectivity Ltd CRGS Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Anti-Surge Thick Film Chip Resistor
9-1773463-8 CIS WR 07/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Reel dimension (mm)
Type
Packaging
Quantity
Per Reel
A ± 0.5
B ± 0.5
C ± 0.5
D ±
1
M ± 2
W ± 1
CRGS0603
Paper
5,000 pcs.
2
13
21
60
178
10
CRGS0805
Paper
5,000 pcs.
2
13
21
60
178
10
CRGS1206
Paper
5,000 pcs.
2
13
21
60
178
10
CRGS2010
Embossed
4,000 pcs.
2
13
21
60
178
13.8
CRGS2512
Embossed
4,000 pcs.
2
13
21
60
178
13.8
Solder Profile
Wave solder: 245°C ±3°C dipping time in solder : 2-3 seconds.
Reflow Solder
How To Order
CRGS
0603
J
10K
Common Part
Size
Tolerance
Resistance Value
CRGS – Anti-Surge
Thick Film Chip
Resistor
0603
0805
1206
2010
2512
J - ±5%
1 ohm (1Ω) 1R0
1K ohm (1000Ω) 1K0
100K ohm (100000Ω)
100K
1M ohm (1000000Ω) 1M0


Similar Part No. - CRGS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRG-10B-255 ETC1-CRG-10B-255 Datasheet
63Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
CRG-10B-255 MERRIMAC-CRG-10B-255 Datasheet
66Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
List of Unclassifed Man...
CRG-11B-1005 ETC1-CRG-11B-1005 Datasheet
63Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
CRG-11B-1005 MERRIMAC-CRG-11B-1005 Datasheet
66Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
List of Unclassifed Man...
CRG-20B-1005 ETC1-CRG-20B-1005 Datasheet
63Kb / 1P
   BI-DIRECTIONAL COUPLERS
More results

Similar Description - CRGS

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03_09 Datasheet
169Kb / 4P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
logo
Panasonic Semiconductor
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com