Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71K101-109N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 71K101-109N5
Description  BNC 75 STRAIGHT JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

71K101-109N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  71K101-109N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 71K101-109N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
BNC 75
STRAIGHT JACK
71K101-109N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
75
Frequency
DC to 4 GHz
Return loss
 23 dB @ DC to 1 GHz
 15 dB @ 1 GHz to 4 GHz
Insertion loss
 0.05 x
[GHz]
f
dB
Insulation resistance
 5 G
Center contact resistance
 1.5 m
Outer contact resistance
 1 m
Test voltage (at sea level)
1500 V rms
Working voltage (at sea level)
400 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
80 W @ 2 GHz
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
 500
Center contact captivation: axial
 15 N
Environmental data
Temperature range
-45 °C to +85 °C
Thermal shock
MIL-STD-202, Method 107, Condition B
Corrosion resistance
MIL-STD-202, Method 101, Condition B
Vibration
MIL-STD-202, Method 204, Condition B
Shock
MIL-STD-202, Method 213, Condition G
Moisture resistance
MIL-STD-202, Method 106
RoHS
compliant
Tooling
Crimping tool
11W150-000
Crimp insert
11W150-209
Suitable cables
RG 59 B/U
Weight
Weight
13.5 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
20.07.04
Sa. Krautenbacher
21.03.14
d00
14-0352
T. Krojer
21.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 71K101-109N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71K101-400A5 ROSENBERGER-71K101-400A5 Datasheet
38Kb / 2P
   BNC 75 STRAIGHT JACK PCB
71K101-K00N5 ROSENBERGER-71K101-K00N5 Datasheet
81Kb / 2P
   BNC 75 ADAPTOR JACK -JACK
More results

Similar Description - 71K101-109N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71K101-400A5 ROSENBERGER-71K101-400A5 Datasheet
38Kb / 2P
   BNC 75 STRAIGHT JACK PCB
71K103-400A5 ROSENBERGER-71K103-400A5 Datasheet
77Kb / 2P
   BNC 75 STRAIGHT JACK PCB
logo
Winchester Electronics ...
2023-6-7 WINCHESTER-2023-6-7 Datasheet
88Kb / 1P
   JACK, 75 BNC
logo
Molex Electronics Ltd.
73171-2730 MOLEX11-73171-2730 Datasheet
34Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Nickel
0731712730 MOLEX11-0731712730 Datasheet
30Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Nickel
logo
Rosenberger Hochfrequen...
71K501-K00N5 ROSENBERGER-71K501-K00N5 Datasheet
82Kb / 2P
   BNC 75 ADAPTOR JACK-JACK
71K101-K00N5 ROSENBERGER-71K101-K00N5 Datasheet
81Kb / 2P
   BNC 75 ADAPTOR JACK -JACK
logo
Winchester Electronics ...
2022-24-29 WINCHESTER-2022-24-29 Datasheet
108Kb / 1P
   JACK, BULKHEAD, 75 BNC
logo
Rosenberger Hochfrequen...
71K507-802N5 ROSENBERGER-71K507-802N5 Datasheet
85Kb / 2P
   BNC 75 BULKHEAD JACK
71K607-802N5 ROSENBERGER-71K607-802N5 Datasheet
43Kb / 2P
   BNC 75 BULKHEAD JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com