Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSO-xx12SZ Datasheet(PDF) 2 Page - Recom International Power

Part # RSO-xx12SZ
Description  2:1 and 4:1 Wide Input Voltage Ranges
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSO-xx12SZ Datasheet(HTML) 2 Page - Recom International Power

  RSO-xx12SZ Datasheet HTML 1Page - Recom International Power RSO-xx12SZ Datasheet HTML 2Page - Recom International Power RSO-xx12SZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter
Note 2:
The RSO series requires a minimum of 10% load on the output to maintain specified regulation. Operating under no-load conditions
will not damage these devices; however, they may not meet all listed specifications.
Input Voltage Range
2:1 and 4:1
Output Voltage Accuracy
±2% typ.
Line Voltage Regulation
2:1
±0.2% max.
4:1
±0.5% max.
Load Voltage Regulation
2:1
±0.4% max.
(10% to 100% full load)
4:1
±0.5% typ.
Minimum Load
10% (2)
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Operating Frequency
2:1
200kHz min. / 500kHz max.
4:1
100kHz min. / 800kHz max.
Efficiency at Full Load
See Selection Guide
Quiescent Current
RSO-05xxS_D, SZ_DZ
40mA typ.
Nominal input Voltage
RSO-12xxS_D, SZ_DZ
32mA typ.
(Standard, /H2 and /H3)
RSO-24xxS_D, SZ_DZ
25mA typ.
RSO-48xxS_D, SZ_DZ
15mA typ.
CTRL Pin drive current /see Notes)
3mA typ, 6mA max.
Quiescent Input Current when Converter is OFF
10mA max.
Isolation Voltage
Standard
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
/H2 Version
(tested for 1 second)
2000VDC
(rated for 1 minute**)
1000VAC / 60Hz
/H3 Version
(tested for 1 second)
3000VDC
(rated for 1 minute**)
1500VAC / 60Hz
Isolation Capacitance
Standard
2:1 Single
10pF min. / 40pF typ. / 60pF max.
Isolation Capacitance
/H2 and /H3
2:1 Single
5pF min. / 30pF typ. / 60pF max.
Isolation Capacitance
Standard
2:1 Dual
120pF min. / 170pF typ. / 250pF max.
Isolation Capacitance
/H2 and /H3
2:1 Dual
5pF min. / 30pF typ. / 60pF max.
Isolation Capacitance
Standard
4:1 Single/Dual
200pF max.
Isolation Capacitance
/H2 and /H3
4:1 Single/Dual
30pF max.
Isolation Resistance
>1G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.7g
Packing Quantity
22 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
1685 x 103 hours
(+85°C)
using MIL-HDBK 217F
254 x 103 hours
Certifications
EN General Safety
Report: SPCLVD1605077-10
EN60950-1, AM2:2013
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
UL General Safety
Report: E224736-A34
UL60950-1, 2nd Edition 2014
CSA C22.2 60950-1-07, 2nd Edition 2014
Specifications (Core Operating Area) measured at TA = 25°C, nominal input voltage, full load and after warm-up time unless otherwise specified
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
2412
2409
2415
RSO-24xxS
} DetailedInformationsee
Application Notes chapter "MTBF"
RSO-S_D(Z)
Series
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1205SZ
RSO-1205SZ
**Any data referred to in this datasheet are of indicative nature and
based on our practical experience only. For further details, please
refer to our Application Notes.
REV: 1/2017
www.recom-power.com
E-124


Similar Part No. - RSO-xx12SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSO-xx12SZ RECOM-RSO-xx12SZ Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-XX12SZ RECOM-RSO-XX12SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
More results

Similar Description - RSO-xx12SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
DCHBW150 WALL-DCHBW150 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
CMMM WALL-CMMM Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com