Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACU2109S3CTR Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ACU2109S3CTR
Description  Wideband Tuner Upconverter Data Sheet - Rev 2.4
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACU2109S3CTR Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ACU2109S3CTR Datasheet HTML 3Page - ANADIGICS, Inc ACU2109S3CTR Datasheet HTML 4Page - ANADIGICS, Inc ACU2109S3CTR Datasheet HTML 5Page - ANADIGICS, Inc ACU2109S3CTR Datasheet HTML 6Page - ANADIGICS, Inc ACU2109S3CTR Datasheet HTML 7Page - ANADIGICS, Inc ACU2109S3CTR Datasheet HTML 8Page - ANADIGICS, Inc ACU2109S3CTR Datasheet HTML 9Page - ANADIGICS, Inc ACU2109S3CTR Datasheet HTML 10Page - ANADIGICS, Inc ACU2109S3CTR Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet - Rev 2.4
07/2003
ACU2109
7
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)
Figure 12: Typical Composite Triple Beat
vs. RF Frequency
(T = +25 °C, V
= +5 V, f = 1087.75 MHz,
138 Channels, +7 dBmV Input, 0 dB Tilt)
ADD
IF
Figure 13: Typical Composite Triple Beat
vs. RF Frequency
(T = +25 °C, V
= +5 V, f = 1087.75 MHz,
138 Channels, +7 dBmV Input, -9.6 dB Tilt)
ADD
IF
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)
Figure 14: Typical Composite Second Order
vs. RF Frequency
(T = +25 °C, V
= +5 V, f = 1087.75 MHz,
138 Channels, +7 dBmV Input, 0 dB Tilt)
ADD
IF
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)
+1.25 MHz offset
-1.25 MHz offset
+0.75 MHz offset
-0.75 MHz offset
Figure 15: Typical Composite Second Order
vs. RF Frequency
(T = +25 °C, V
= +5 V, f = 1087.75 MHz,
138 Channels, +7 dBmV Input, -9.6 dB Tilt)
ADD
IF
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)
+1.25 MHz offset
-1.25 MHz offset
+0.75 MHz offset
-0.75 MHz offset
Figure 16: Typical Cross Modulation
vs. RF Frequency
(T = +25 °C, V
= +5 V, f = 1087.75 MHz,
138 Channels, +7 dBmV Input, 0 dB Tilt)
ADD
IF
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)
Figure 17: Typical Cross Modulation
vs. RF Frequency
(T = +25 °C, V
= +5 V, f = 1087.75 MHz,
138 Channels, +7 dBmV Input, -9.6 dB Tilt)
ADD
IF
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)


Similar Part No. - ACU2109S3CTR

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACU2109S3 ANADIGICS-ACU2109S3 Datasheet
213Kb / 6P
   CATV/TV Cable modem Upconverter MMIC
More results

Similar Description - ACU2109S3CTR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ128VAL FREESCALE-MC9S12HZ128VAL Datasheet
3Mb / 692P
   MC9S12HZ256 Data Sheet, Rev. 2.05
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Analog Devices
ADMV1013 AD-ADMV1013 Datasheet
1Mb / 39P
   Wideband, Microwave Upconverter
logo
Microchip Technology
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
   Rev. A4 Silicon/Data Sheet Errata
2005
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000 Datasheet
259Kb / 12P
   Linear Amplifier MMIC Data Sheet - Rev 2.3
logo
NXP Semiconductors
HC908AP64AD NXP-HC908AP64AD Datasheet
61Kb / 2P
   Addendum to MC68HC908AP64 Data Sheet, Rev. 2.5
Rev. 0, 2/2005
logo
Sharp Corporation
VTBT5UF201 SHARP-VTBT5UF201 Datasheet
63Kb / 6P
   RF Data Sheet Combination Tuner/Demodulator
logo
Microchip Technology
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
   PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC16C717-EP MICROCHIP-PIC16C717-EP Datasheet
94Kb / 6P
   PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
MRF24WB0MA MICROCHIP-MRF24WB0MA_13 Datasheet
596Kb / 38P
   MRF24WB0MA/MRF24WB0MB Data Sheet 2.4 GHz IEEE 802.11b?
11/29/12 2010-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com