Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-3718HG-CE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-3718HG-CE
Description  PC104 IO & Power Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3718HG-CE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-3718HG-CE Datasheet HTML 1Page - Advantech Co., Ltd. PCM-3718HG-CE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PC/104 I/O & Power Modules
PCM-3810I
250 kS/s, 12-bit, 16-Ch
Multifunction PCI-104 Module
Specifications
Analog Input
Channels
16 single-ended or 8 differential or combination
Resolution
12 bits
Max. Sampling Rate
250 kS/s
Ring Buffer Size
4,096 samples
Input Range
Bipolar: ±10, ±5, ±2.5, ±1.25, ±0.625
Unipolar: 0 ~ 10, 0 ~ 5, 0 ~ 2.5, 0 ~ 1.25
Analog Output
Channels
2
Output Range
Internal Reference (V): 0 ~ 5, 0 ~ 10, ±5, ±10
External Reference: 0 ~ +x V @ +x V (-10
≤ x ≤ 10), -x ~ +x V @ +x V (-10 ≤ x
≤ 10)
Resolution
12 bits
Output Rate
250 kS/s
Ring Buffer Size
4,096 samples
Digital Input/Output
Channels
16
Compatibility
5V/TTL
Counter/Timer
Channels
3 (independent)
Resolution
24 bits
Compatibility
5 V/TTL
Max. Input Frequency
10 MHz
Interrupt Capable Ch.
3
PWM Channels
3
General
Bus Type
PCI-104
I/O Connectors
1 x 26-pin, 1 x 50-pin box header
Dimensions (L x H)
96 x 90 mm (3.8" x 3.5")
Operating Temperature
0 ~ 60° C (32 ~ 140° F) (refer to IEC 68-2-1, 2)
Storage Temperature
-20 ~ 70° C (-4 ~158° F)
Ordering Information
P/N
Description
PCM-3810I-AE
250 kS/s, 12-bit Multi. PCI-104 Module
PCM-3730I
32-Ch Isolated Digital I/O
PCI-104 Module
Specifications
Isolated Digital Input
Channels
16
Input Voltage
Logic 0: 3 V max., Logic 1: 5 V min. 30 V max.
Input Resistance
2 k
Ω
Isolation Voltage
2,500 VDC
Opto-isolator
Response Time
25 μs
Isolated Digital Output
Channels
16
Output Voltage Open
Collector
5 ~ 30 VDC
Output Sink Current
300 mA max.
Isolation Voltage
2,500 VDC
Opto-isolator
Response Time
25 μs
General
I/O Connectors
2 x 20-pin box header
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Operating
Temperature
-20 ~ 70° C (-4 ~ 158° F)
Storage Temperature
-50 ~ 120° C (-58~248° F)
Ordering Information
P/N
Description
PCM-3730I-AE
32-ch Isolated Digital I/O PCI-104 Module
PCM-3835
IDE Flash Disk Module/
CompactFlash Card
PCM-3910
DC to DC Power Supply
PC/104-plus Module
Specifications
General
Bus Interface
PC/104-Plus
Input Voltage
10 V to 24 VDC ±5%
Output Voltage
5 V output 10.0 A
12 V output 2.0 A
-5 V output 0.4 A (optional)
-12 V output 0.4 A
Mechanical and Environmental
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Operating Temperature
0 ~ 60
° C (32 ~ 140° F)
Weight
0.084 kg (0.185 lb)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Ordering Information
P/N
Description
PCM-3910-00A1E
DC to DC power module PC/104-plus Module
Note: For wide temperature range, please contact sales rep.
Specifications
General
Bus Interface
PC/104
IDE Connector
Two onboard 44-pin 2.0 mm pitch IDE connectors and one 40-pin
2.5 mm pitch IDE connector
Power Supply Voltage
+5 V ±10%
Environment
0 ~ 60° C, operating
Power Connector
Standard 4-pin power input
Mechanical and Environmental
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Weight
0.084 kg (0.185 lb)
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Ordering Information
P/N
Description
PCM-3835-00A1E
IDE Flash disk module


Similar Part No. - PCM-3718HG-CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3718HG ADVANTECH-PCM-3718HG Datasheet
179Kb / 1P
   2-ch, 12-bit Analog Output PC/104 Module 100KS/s, 12-bit, 16-ch PC/104 Multifunction Module
PCM-3718HG ADVANTECH-PCM-3718HG Datasheet
334Kb / 1P
   12-bit Multifunction Module with Programmable Gain DC to DC Power Supply PC/104-plus Module
PCM-3718HG ADVANTECH-PCM-3718HG Datasheet
403Kb / 1P
   100 kS/s, 12-bit, 16-ch Multifunction PC/104 Module
PCM-3718HG ADVANTECH-PCM-3718HG Datasheet
550Kb / 2P
   100 kS/s, 12-bit, 16-Ch PC/104 Multi-function Modules
15-Jan-2014
More results

Similar Description - PCM-3718HG-CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3836-0000E ADVANTECH-PCM-3836-0000E Datasheet
725Kb / 1P
   PC104 IO & Power Modules
logo
Harwin Plc
M22-6003005 HARWIN-M22-6003005 Datasheet
63Kb / 1P
   PC104 PLUS CONNECTOR (STACKTHROUGH)
M22-2021205 HARWIN-M22-2021205 Datasheet
63Kb / 1P
   PC104 PLUS CONNECTOR (STACKTHROUGH)
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC Datasheet
519Kb / 2P
   PC104/Plus Atom
logo
Harwin Plc
M22-6013005 HARWIN-M22-6013005 Datasheet
62Kb / 1P
   PC104 PLUS CONNECTOR
M20-6112005 HARWIN-M20-6112005 Datasheet
90Kb / 1P
   PC104 CONNECTOR (STACK THROUGH)
M20-6102005 HARWIN-M20-6102005 Datasheet
92Kb / 1P
   PC104 CONNECTOR (STACK THROUGH)
M22-6023042 HARWIN-M22-6023042 Datasheet
61Kb / 1P
   PC104 PLUS POST HEADER
M20-6162005 HARWIN-M20-6162005 Datasheet
67Kb / 1P
   PC104 PRESS-FIT CONNECTOR
M22-6033042 HARWIN-M22-6033042 Datasheet
62Kb / 1P
   PC104 PLUS POST HEADER RECEPTACLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com