Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REDIM Datasheet(PDF) 3 Page - Recom International Power

Part # REDIM
Description  suitable for energy-saving lamps, dimmable LED lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIM Datasheet(HTML) 3 Page - Recom International Power

  REDIM Datasheet HTML 1Page - Recom International Power REDIM Datasheet HTML 2Page - Recom International Power REDIM Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications (measured at TA= 25°C, nominal input voltage, rated load)
AC/DC Converter
REDIM
Series
INSTALLATION
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Cardboard Box
73 x 73 x 53mm
Packaging Quantity
1 pcs
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
L-3
REV.: 1/2016
www.recom-power.com
L
N
L
N
RACT20
Phase angle
dimmed LED driver
REDIM07 - max. 5x RACT20
REDIM20 - max. 12x RACT20
Notes:
Note2: To set the basic brightness, set the actuating button to the left stop minimum brightness). Now use a screw driver to set the desired basic brightness
on the potentiometer. Persuant to EN60699-2-1 the basic value should be set in such a way that the light visibly glows over the entire load range (at
nominal voltage -10%) when it’s set to dark position.
Note3: Dimmer designed for RACT20.


Similar Part No. - REDIM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIM07 RECOM-REDIM07 Datasheet
418Kb / 3P
   Leadingedge Dimmer
REDIM20 RECOM-REDIM20 Datasheet
418Kb / 3P
   Leadingedge Dimmer
More results

Similar Description - REDIM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
   Dimmable LED based lamps
Rev. 1-23 May 2011
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
   Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
MAX16841 MAXIM-MAX16841_13 Datasheet
1Mb / 18P
   Controller IC for Dimmable Offline LED Lamps
Rev 1; 6/13
logo
Cirrus Logic
CS1615 CIRRUS-CS1615 Datasheet
387Kb / 16P
   Single Stage Dimmable Offline AC/DCController for LED Lamps
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
   Single Stage Dimmable Offline AC/DC Controller for LED Lamps
logo
Diodes Incorporated
AL8812 DIODES-AL8812 Datasheet
402Kb / 11P
   BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
logo
Recom International Pow...
REPOT RECOM-REPOT Datasheet
389Kb / 3P
   suitable for 1-10V dimmable LED drivers
logo
Dialog Semiconductor
IW3659 DIALOG-IW3659 Datasheet
317Kb / 6P
   Single-Stage SSL LED Driver for Dimmable Retrofit Lamps up to 25W
logo
NXP Semiconductors
UBA2028 NXP-UBA2028 Datasheet
136Kb / 21P
   600 V dimmable power IC for compact fluorescent lamps
Rev. 01-9 October 2009
UBA2028 NXP-UBA2028_10 Datasheet
206Kb / 23P
   600 V dimmable power IC for compact fluorescent lamps
Rev. 02-19 July 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com