Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-78S3.3-0.1 Datasheet(PDF) 2 Page - Recom International Power

Part # R-78S3.3-0.1
Description  Boost Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78S3.3-0.1 Datasheet(HTML) 2 Page - Recom International Power

  R-78S3.3-0.1 Datasheet HTML 1Page - Recom International Power R-78S3.3-0.1 Datasheet HTML 2Page - Recom International Power R-78S3.3-0.1 Datasheet HTML 3Page - Recom International Power R-78S3.3-0.1 Datasheet HTML 4Page - Recom International Power R-78S3.3-0.1 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
I-2
REV.: 0/2017
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, 1.5Vin , full load after warm up unless otherwise stated)
R-78S
Series
Efficiency vs. Load
Efficiency vs. Input Voltage
Output Current vs. Input Voltage
Output Current [A]
0
0
20
40
60
80
100
0.02
0.04
0.06
1.0
0.08
1.2Vin
1.5Vin
2.4Vin
3.0Vin
Input Voltage [V]
0.65
0
20
40
60
80
100
1
2
3 3.15
40% Load
75% Load
100% Load
Input Voltage [V]
0.65
0
20
40
60
80
100
1.2
1.5
1.8
3
2.4
3.15


Similar Part No. - R-78S3.3-0.1

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78S3.3-0.1 RECOM-R-78S3.3-0.1 Datasheet
486Kb / 3P
   3.3V from a single AA battery (boost converter)
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
   3.3V from a single AA battery or from
More results

Similar Description - R-78S3.3-0.1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1558 HMSEMI-HM1558 Datasheet
1Mb / 8P
   Boost Converter
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
   1.0MHz Boost Converter
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
logo
Monolithic Power System...
MP1541 MPS-MP1541_06 Datasheet
317Kb / 8P
   1.3MHz Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142 Datasheet
137Kb / 17P
   Micropower Boost Converter
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
   Micropower Boost Converter
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
   Asynchronous Boost Converter
logo
Texas Instruments
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com