Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIT-W121-AWM1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # HIT-W121-AWM1E
Description  11.6 Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HIT-W121-AWM1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  HIT-W121-AWM1E Datasheet HTML 1Page - Advantech Co., Ltd. HIT-W121-AWM1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
HIT-W121
Ordering Information
Part No.
Description
HIT-W121-AST0E
11.6" W Full-Flat Atom D510 iService Terminal in
Polished White, w/ Bare BOM & ITE adapter
HIT-W121-AST1E
11.6" W Full-Flat Atom D510 iService Terminal in
Polished White, w/ Full Config & ITE adapter
HIT-W121-AIS0E
11.6" W Full-Flat Atom D510 iService Terminal in Matte
Black, w/ Bare BOM & ITE adapter
HIT-W121-AIS1E
11.6" W Full-Flat Atom D510 iService Terminal in Matte
Black, w/ Full Config & ITE adapter
HIT-W121-AWM0E
11.6" W Full-Flat Atom D510 Healthcare Terminal in
Polished White, w/ Bare BOM & Medical adapter
HIT-W121-AWM1E
11.6" W Full-Flat Atom D510 Healthcare Terminal in
Polished White, w/ Full Config & Medical adapter
HIT-W121-ABM0E
11.6" W Full-Flat Atom D510 Healthcare Terminal in
Matte Black, w/ Bare BOM & Medical adapter
HIT-W121-ABM1E
11.6" W Full-Flat Atom D510 Healthcare Terminal in
Matte Black, w/ Full Config & Medical adapter
Accessories
Part Number
Description
HIT-W121-HSKE
Handset Kit for HIT-W121
HIT-KITS-MSR0E
HIT series standard accessory: MSR Add-on Module
HIT-KITS-UST0E
HIT series standard accessory: US ATSC/NTSC
Hybrid Tuner
HIT-KITS-EUT0E
HIT series standard accessory: EU DVB-T Analog/Digital
Hybrid Tuner
HIT-KITS-TSD0E
HIT series standard accessory: Table Stand Kit
Fully- Integrated I/O
A Smart Card Insert Tray
B USB 2.0 Port *2
C MIC In
D Line Out
E Power Switch
F 1W Speaker x 2
G Reserved port
H Isolated COM Port
I Barcode Scanner (optional)
J 2-PIN Connector
K MIC
A
302.50
6.75
B
C
D
E
F G H I
L M N F O
P
J K
L RJ-45 LAN port
M USB 2.0 port
N DC Inlet
O RJ-12 Handset
Connector
P Handset/MSR Dock
Front Button Artwork for Healthcare
(5-key + 1 RFID Icon) :
Front Button Artwork for iService
(5-key + 1 RFID Icon) :


Similar Part No. - HIT-W121-AWM1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-W121-AWM1E ADVANTECH-HIT-W121-AWM1E Datasheet
943Kb / 2P
   11.6" Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
HIT-W121-AWM1E ADVANTECH-HIT-W121-AWM1E Datasheet
943Kb / 2P
   11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
More results

Similar Description - HIT-W121-AWM1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-W121-AST0E ADVANTECH-HIT-W121-AST0E Datasheet
943Kb / 2P
   11.6" Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
   11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121B ADVANTECH-HIT-W121B Datasheet
1Mb / 2P
   11.6' Healthcare/Hospitality Infortainment Terminal
HIT-W221-AST0E ADVANTECH-HIT-W221-AST0E Datasheet
667Kb / 2P
   21.5" Healthcare Infotainment Terminal with Intel짰 Atom D525/SandyBridge i7 Processors
HIT-W181-AST0E ADVANTECH-HIT-W181-AST0E Datasheet
652Kb / 2P
   18.5" Healthcare Infotainment Terminal with Intel짰 Atom??D525 Processors/Core??i7 Processor
HIT-W181-HSK0E ADVANTECH-HIT-W181-HSK0E Datasheet
626Kb / 2P
   18.5 Healthcare Infotainment Terminal with Intel짰 Atom??D525 Processors/Core??i7 Processor
PIT-1502W ADVANTECH-PIT-1502W Datasheet
968Kb / 2P
   15.6' Patient Infotainment Terminal with Intel Atom D510 Processors
SOM-4463 ADVANTECH-SOM-4463 Datasheet
942Kb / 2P
   Intel짰 Atom N450/D510 ETX CPU Module
SOM-4463-A2 ADVANTECH-SOM-4463-A2_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-6763 ADVANTECH-SOM-6763 Datasheet
888Kb / 2P
   Intel짰 Atom N450/D510 COM-Micro CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com