Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIT-W121-AST0E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # HIT-W121-AST0E
Description  11.6 Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HIT-W121-AST0E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  HIT-W121-AST0E Datasheet HTML 1Page - Advantech Co., Ltd. HIT-W121-AST0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Healthcare Infotainment Terminals
All product specifications are subject to change without notice
Last updated : 3-Sep-2012
Features
HIT-W121 11.6"Healthcare/HospitalityInfotainmentTerminal
with Intel® Atom™ N450/D510 Processors
ƒ Revolutionary & specialized design focused on healthcare applications and
terminal leasing market
ƒ 43 mm thick slim design achieves balance between fanless & Atom dual-core
performance
ƒ Provides natural viewing experience with 16:9, 11.6" display
ƒ Easy to clean full-flat, front touch panel IP 65 compliant
ƒ VESA 75 mm standard mounting holes for varied mounting demands
ƒ Instant function key access via programmable touch hotkeys on front panel
ƒ Rich options - Handset/ RFID/ Smart card reader/ Barcode Scanner/ MSR
ƒ ITE & medical dual certificates provide complete application coverage
Introduction
HIT-W121, an iService/Healthcare Infotainment Terminal, has an 11.6” single-surface touchscreen, is powered by an Intel® Atom™ D510 Processor, supports Windows, Android and
Linux operating systems, and is built with a compact, VESA mountable form factor. The medical-grade device works well not only in healthcare applications, but with its slim design,
it is an exceptional choice for applications in iServices such as retail shelf displays, banking, and RFID-based Smart Card applications.
Specifications
Hardware
CPU
Intel Atom (N450/D510) 1.6 GHz Processor
Front Side Bus
Supports FSB 667 MHz
System Chipset
Intel N450/D510 + ICH8M
Memory
up to 2 GB
Storage
CF or SATA HDD interface
Camera
2 megapixel CCD Module (Optional)
Bus Expansion
Mini PCIe x 2
Display
Size
11.6" W TFT
Max Resolution
1366 x 768
Luminance
200 cd/m2
Contrast Ratio
400:1
Touchscreen
Type
Analog Resistive
Light Transmission
80%
Durability
30 million
I/O Ports
USB Port
3 (side x 2, rear x 1)
Smart Card Rearder
1 (Removeable with Insert sealed by plastic changecord)
Line out
1
Microphone in
1
COM Port (Isolated)
1
Audio
Speaker
2 watt x 2
Microphone
1
Network
LAN
10/100/1000 RJ-45 x 1
WLAN
802.11 b/g/n
Emergency Alarm
Hotkey
5 programmable touch buttons with 2 types of artwork
LED Light Indicator
1
Bus Expansion
mini-PCI Slot
2 (1 for WLAN, 1 for tuner)
Software
Operating System
Support WES, WES7, Win7 / Linux: Fedora 13, Ubuntu, Android
Mechanical
Mounting
VESA 75 x 75 mm
Dimensions ( W x H x D)
302.5 x 220.25 x 43 mm
Weight
2.3 kg
Options
TV Tuner
Yes, Optional
Handset
Yes, Optional
Barcode Scanner
Yes, Optional. 2D type
Table Stand
Yes, Optional
RFID
Yes, Optional
Power Supply
AC/DC Adapter
Input Voltage
100 ~ 240 VAC, 1.1 ~ 0.45 A @ 47~ 63 Hz
Output Voltage
IT: 19 VDC, 3.95 A MAX; Medical: 16 ~ 21 VDC (SET UP 19V), 2.63 A MAX
Environment
Operating Temperature
0 ~ 40° C
IP Rating
Front Panel: IP65; IPX1 All around
Vibration
1 G
Shock
50 G
Certifications
CE, FCC, CCC, CB, ITE UL, EN 60950 & EN 60601-1 approved


Similar Part No. - HIT-W121-AST0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-W121-AST0E ADVANTECH-HIT-W121-AST0E Datasheet
943Kb / 2P
   11.6" Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
HIT-W121-AST0E ADVANTECH-HIT-W121-AST0E Datasheet
943Kb / 2P
   11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
More results

Similar Description - HIT-W121-AST0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-W121-AST0E ADVANTECH-HIT-W121-AST0E Datasheet
943Kb / 2P
   11.6" Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
   11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121B ADVANTECH-HIT-W121B Datasheet
1Mb / 2P
   11.6' Healthcare/Hospitality Infortainment Terminal
HIT-W221-AST0E ADVANTECH-HIT-W221-AST0E Datasheet
667Kb / 2P
   21.5" Healthcare Infotainment Terminal with Intel짰 Atom D525/SandyBridge i7 Processors
HIT-W181-AST0E ADVANTECH-HIT-W181-AST0E Datasheet
652Kb / 2P
   18.5" Healthcare Infotainment Terminal with Intel짰 Atom??D525 Processors/Core??i7 Processor
HIT-W181-HSK0E ADVANTECH-HIT-W181-HSK0E Datasheet
626Kb / 2P
   18.5 Healthcare Infotainment Terminal with Intel짰 Atom??D525 Processors/Core??i7 Processor
PIT-1502W ADVANTECH-PIT-1502W Datasheet
968Kb / 2P
   15.6' Patient Infotainment Terminal with Intel Atom D510 Processors
SOM-4463 ADVANTECH-SOM-4463 Datasheet
942Kb / 2P
   Intel짰 Atom N450/D510 ETX CPU Module
SOM-4463-A2 ADVANTECH-SOM-4463-A2_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-6763 ADVANTECH-SOM-6763 Datasheet
888Kb / 2P
   Intel짰 Atom N450/D510 COM-Micro CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com