Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65086470RSKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65086470RSKR
Description  Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65086470RSKR Datasheet(HTML) 2 Page - Texas Instruments

  TPS65086470RSKR Datasheet HTML 1Page - Texas Instruments TPS65086470RSKR Datasheet HTML 2Page - Texas Instruments TPS65086470RSKR Datasheet HTML 3Page - Texas Instruments TPS65086470RSKR Datasheet HTML 4Page - Texas Instruments TPS65086470RSKR Datasheet HTML 5Page - Texas Instruments TPS65086470RSKR Datasheet HTML 6Page - Texas Instruments TPS65086470RSKR Datasheet HTML 7Page - Texas Instruments TPS65086470RSKR Datasheet HTML 8Page - Texas Instruments TPS65086470RSKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
IRQB
Control
Out puts
REGISTERS
Digital Core
Thermal
monitoring
Thermal shutdown
OTP
TEST CTL
I
2C CTL
GP01
GPO4
GPO2
GPO3
Internal
Interrupt
event s
<PGND_BUCK3>
BUCK3
0.425
3.575 V
0.41 ± 1.67 V
(DVS)
3 A
VI N
LDOA2
0.7
1.5 V
600 mA
Control
Input s
SoC
&
System
LOAD SWB2
VPULL
BOOT1
DRVH1
SW1
DRVL1
FBVOUT1
PGNDSNS1
ILIM1
BUCK2
1
3.575 V
0.41 ± 1.67 V
(DVS)
VI N
BOOT2
DRVH2
SW2
DRVL2
FBVOUT2
PGNDSNS2
ILIM2
PVIN3
LX3
FB3
3.3V ± 5V
<PGND_BUC K4>
PVIN4
LX4
FB4
<PGND_BUC K5>
PVIN5
LX5
FB5
3.3V ± 5V
VI N
BOOT6
DRVH6
SW6
DRVL6
FBVOUT6
PGNDSNS6
ILIM6
V1
VDDQ
VTT
PVIN_VTT
VTT
VTTFB
CLK
DATA
LO AD SWB1
LO AD SWA1
LDOA3
0.7
1.5 V
600 mA
V2
V3
V4
V5
FBGND2
VSET
EN
VSET
EN
VSET
EN
VSET
EN
VSET
EN
VSET
EN
EN
EN
LDO1
LDO5V
3.3V ± 5V
CTL4
CTL1
CTL2
CTL3/SLPENB1
CTL5
CTL6/SLPENB2
VPULL
VTT_LDO
VDDQ/2
BUCK6
1
3.575 V
0.41 ± 1.67 V
(DVS)
BUCK5
0.425
3.575 V
0.41 ± 1.67 V
(DVS)
3 A
BUCK4
0.425
3.575 V
0.41 ± 1.67 V
(DVS)
3 A
REFSYS
VREF
5.6V±21V
VSYS
LDO3P3
V5ANA
AGND
4.7V
LDO5P0
LDO5P0
Bandgap
LDO5V
STDBY
LDO3P3
3.3V ± 5V
+
-
LDO3P3
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
VSET
LDOA1
1.35 ± 3.3 V
200 mA
BUCK1
1
3.575 V
0.41 ± 1.67 V
(DVS)
2
TPS650864
SWCS138 – FEBRUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650864
Device Overview
Copyright © 2017, Texas Instruments Incorporated
1.4
PMIC Functional Block Diagram


Similar Part No. - TPS65086470RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65086470RSKR TI1-TPS65086470RSKR Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS65086470RSKR TI1-TPS65086470RSKR Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
More results

Similar Description - TPS65086470RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650860 TI1-TPS650860_16 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TMDSEVM6678LE TI1-TMDSEVM6678LE Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
logo
Agilent(Hewlett-Packard...
N5406A HP-N5406A Datasheet
1,009Kb / 9P
   FPGA Dynamic Probe for Xilinx
MSO8000 HP-MSO8000 Datasheet
928Kb / 8P
   FPGA Dynamic Probe for Xilinx
logo
Texas Instruments
TPS657120 TI1-TPS657120 Datasheet
2Mb / 63P
[Old version datasheet]   PMU for Baseband and RF-PA Power
logo
Xilinx, Inc
DS071 XILINX-DS071 Datasheet
172Kb / 20P
   Radiation-hardened FPGAs for space and satellite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com