Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61256xC Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61256xC
Description  3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61256xC Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61256xC Datasheet HTML 6Page - Texas Instruments TPS61256xC Datasheet HTML 7Page - Texas Instruments TPS61256xC Datasheet HTML 8Page - Texas Instruments TPS61256xC Datasheet HTML 9Page - Texas Instruments TPS61256xC Datasheet HTML 10Page - Texas Instruments TPS61256xC Datasheet HTML 11Page - Texas Instruments TPS61256xC Datasheet HTML 12Page - Texas Instruments TPS61256xC Datasheet HTML 13Page - Texas Instruments TPS61256xC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
TPS61256C
SLVSDQ1 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPS61256C
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Once the output capacitor has been biased to the input voltage, the converter starts switching. The soft-start
system progressively increases the on-time as a function of the input-to-output voltage ratio. As soon as the
output voltage is reached, the regulation loop takes control and full current operation is permitted.
The TPS61256xC works in the pass-through mode when EN is low and Vin above UVLO, the device enters into
the boost switching phase directly when EN becomes high.
9.3.4 Undervoltage Lockout
The under voltage lockout circuit prevents the device from malfunctioning at low input voltages and the battery
from excessive discharge. It disables the output stage of the converter once the falling VIN trips the under-voltage
lockout threshold VUVLO which is typically 2.0V. The device starts operation once the rising VIN trips VUVLO
threshold plus its hysteresis of 100 mV at typically 2.1 V.
9.3.5 Thermal Regulation
The TPS61256xC device contains a thermal regulation loop that monitors the die temperature during the pre-
charge phase. If the die temperature rises to high values of about 110 °C, the device automatically reduces the
current to prevent the die temperature from increasing further. Once the die temperature drops about 10 °C
below the threshold, the device will automatically increase the current to the target value. This function also
reduces the current during a short-circuit condition.
9.3.6 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds 140°C (typ.) the device goes into thermal shutdown. In this
mode, the high-side and low-side MOSFETs are turned-off. When the junction temperature falls below the
thermal shutdown minus its hysteresis, the device continuous the operation.
9.4 Device Functional Modes
9.4.1 Power Save Mode
The TPS61256xC integrates a power save mode to improve efficiency at light load. In power save mode the
converter only operates when the output voltage trips below a set threshold voltage.
It ramps up the output voltage with several pulses and goes into power save mode once the output voltage
exceeds the set threshold voltage.
The PFM mode is left and PWM mode entered in case the output current can not longer be supported in PFM
mode.
Figure 9. Power Save


Similar Part No. - TPS61256xC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256 TI1-TPS61256 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256 TI-TPS61256 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS612561A TI-TPS612561A Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS612561A TI1-TPS612561A Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
More results

Similar Description - TPS61256xC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com