Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC8101 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MSC8101
Description  Network Digital Signal Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSC8101 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MSC8101 Datasheet HTML 5Page - Motorola, Inc MSC8101 Datasheet HTML 6Page - Motorola, Inc MSC8101 Datasheet HTML 7Page - Motorola, Inc MSC8101 Datasheet HTML 8Page - Motorola, Inc MSC8101 Datasheet HTML 9Page - Motorola, Inc MSC8101 Datasheet HTML 10Page - Motorola, Inc MSC8101 Datasheet HTML 11Page - Motorola, Inc MSC8101 Datasheet HTML 12Page - Motorola, Inc MSC8101 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
Reset, Configuration, and EOnCE Event Signals
MSC8101 Technical Data, Rev. 16
Freescale Semiconductor
1-5
1.3 Reset, Configuration, and EOnCE Event Signals
CLKOUT
Output
Clock Out
The system bus clock.
DLLIN
Input
DLLIN
Synchronizes with an external device.
Note:
When the DLL is disabled, connect this signal to GND.
Table 1-4.
Reset, Configuration, and EOnCE Event Signals
Signal Name
Type
Signal Description
DBREQ
EE01
Input
Input
Output
Debug Request
Determines whether to go into SC140 Debug mode when PORESET is deasserted.
Enhanced OnCE (EOnCE) Event 0
After PORESET is deasserted, you can configure EE0 as an input (default) or an output.
Debug request, enable Address Event Detection Channel 0, or generate an EOnCE event.
Detection by Address Event Detection Channel 0. Used to trigger external debugging equipment.
HPE
EE11
Input
Input
Output
Host Port Enable
When this pin is asserted during PORESET, the Host port is enabled, the system data bus is 32 bits
wide, and the Host must program the reset configuration word.
EOnCE Event 1
After PORESET is deasserted, you can configure EE1 as an input (default) or an output.
Enable Address Event Detection Channel 1 or generate an EOnCE event.
Debug Acknowledge or detection by Address Event Detection Channel 1. Used to trigger external
debugging equipment.
EE2
1
Input
Output
EOnCE Event 2
After PORESET is deasserted, you can configure EE2 as an input (default) or an output.
Enable Address Event Detection Channel 2 or generate an EOnCE event or enable the Event
Counter.
Detection by Address Event Detection Channel 2. Used to trigger external debugging equipment.
EE3
1
Input
Output
EOnCE Event 3
After PORESET is deasserted, you can configure EE3 as an input (default) or an output. See the
emulation and debug chapter in the SC140 DSP Core Reference Manual for details on the ERCV
Register.
Enable Address Event Detection Channel 3 or generate one of the EOnCE events.
The DSP has read the EOnCE Receive Register (ERCV). Triggers external debugging equipment.
Table 1-3.
Clock Signals (Continued)
Signal Name
Type
Signal Description


Similar Part No. - MSC8101

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8101 FREESCALE-MSC8101 Datasheet
378Kb / 28P
   Silicon Errata for the MSC8101 Processor, Mask 0K40A
logo
STMicroelectronics
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
logo
NXP Semiconductors
MSC8101ADS NXP-MSC8101ADS Datasheet
1Mb / 2P
   CODEWARRIORTM DEVELOPMENT SYSTEM
REV 0
logo
Freescale Semiconductor...
MSC8101UG/D FREESCALE-MSC8101UG/D Datasheet
1Mb / 104P
   Network Digital Signal Processor
More results

Similar Description - MSC8101

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8103 FREESCALE-MSC8103 Datasheet
1Mb / 104P
   Network Digital Signal Processor
MSC8103 FREESCALE-MSC8103_08 Datasheet
1Mb / 104P
   Network Digital Signal Processor
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com