Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POE-48I4S-AFI Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # POE-48I4S-AFI
Description  Remote networking equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

POE-48I4S-AFI Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  POE-48I4S-AFI Datasheet HTML 1Page - Laird Tech Smart Technology POE-48I4S-AFI Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• POE 4 way splitter is available for 48V,
24V, and 18V
• Compact and cost effective solution
for remote ethernet terminal
• Plug-and-play
• Auto disconnection for over voltage
and under voltage
• Independent over-current and short circuit
protection on each port
• Individual port status indicators
• Support PoE power up to 24W for each PoE port.
MARKETS
• Remote routers, access points, and bridges
• Remote networking equipment
• SOHO equipment
• IP camera systems
• VOIP systems
• IP phone systems
4-PORT POWER OVER ETHERNET INJECTOR
The active POE splitter from Laird Technologies gives “carrier class” performance in a low cost
system. With its IEEE 802.3af compatibility and advanced auto-sensing algorithm it will accept POE
power from any IEEE 802.3af router or power supply. The overload and short circuit protection will
shut down power immediately when a short circuit is detected without any damage to the POE
system. Power (36 to 60V) is expected on ethernet pins 4/5 (V+) and 7/8 (V-) as per the IEEE 802.3af
standard or pins 1,2,3,6 (Cisco Standard).
Using power over ethernet to power remote devices has several advantages including:
• The power supply can be centrally located where it can be attached to an uninterruptible
power supply.
• Power can be supplied over long distances, up to 300 feet.
• Power can be available wherever network access is available
• The user has the ability to easily power on reset the attached equipment from a
remote location.
The active POE splitter from Laird can be used by the original equipment manufacturer to supply
power to remote equipment and devices without the expense of building in separate POE
functionality into their equipment. These devices are a good fit for the industrial market for sensing
and remote video applications.
POE-48i4s-AFI
Power-Over-Ethernet Injector
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - POE-48I4S-AFI

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
   FCC and CE approved
More results

Similar Description - POE-48I4S-AFI

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
POE-55IG-AFI LSTD-POE-55IG-AFI Datasheet
421Kb / 2P
   Remote networking equipment
POE-4X48I-AF LSTD-POE-4X48I-AF Datasheet
693Kb / 2P
   Remote networking equipment
logo
Abracon Corporation
ARJE-0051 ABRACON-ARJE-0051 Datasheet
1Mb / 4P
   Networking equipment
09/26/2016
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
   FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
logo
Bud Industries, Inc.
UN-8080 BUD-UN-8080 Datasheet
120Kb / 1P
   UNIVERSAL NETWORKING CABINET
logo
Tyco Electronics
TR600-150QF-EX-B-0.5 MACOM-TR600-150QF-EX-B-0.5 Datasheet
327Kb / 22P
   Telecommunications & Networking Devices
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
   Networking Clock Generator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com