Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGN3120ELT Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # UGN3120ELT
Description  SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UGN3120ELT Datasheet(HTML) 4 Page - Allegro MicroSystems

  UGN3120ELT Datasheet HTML 1Page - Allegro MicroSystems UGN3120ELT Datasheet HTML 2Page - Allegro MicroSystems UGN3120ELT Datasheet HTML 3Page - Allegro MicroSystems UGN3120ELT Datasheet HTML 4Page - Allegro MicroSystems UGN3120ELT Datasheet HTML 5Page - Allegro MicroSystems UGN3120ELT Datasheet HTML 6Page - Allegro MicroSystems UGN3120ELT Datasheet HTML 7Page - Allegro MicroSystems UGN3120ELT Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3141 THRU 3144
SENSITIVE
HALL-EFFECT SWITCHES
FOR HIGH-TEMP. OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL OPERATING CHARACTERISTICS (cont.)
CHANGE IN OPERATE POINT
10
15
20
25
SUPPLY VOLTAGE IN VOLTS
0
Dwg. GH-042-1
5
-5.0
0
5.0
10
15
20
T
= +25
°C
A
OPERATION
The output of these devices (pin 3) switches low when the magnetic field
at the Hall sensor exceeds the operate point threshold (B
OP). At this point, the
output voltage is V
OUT(SAT). When the magnetic field is reduced to below the
release point threshold (B
RP), the device output goes high. The difference in
the magnetic operate and release points is called the hysteresis (B
hys) of the
device. This built-in hysteresis allows clean switching of the output even in
the presence of external mechanical vibration and electrical noise.
Extensive applications information for Hall-effect sensors is available in:
• Hall-Effect IC Applications Guide, Application Note 27701;
• Hall-Effect Devices: Soldering, Gluing, Potting, Encapsulating, and Lead
Forming, Application Note 27703.1;
• Soldering of Through-Hole Hall-Sensor Dervices, Application Note 27703;
and
• Soldering of Surface-Mount Hall-Sensor Devices, Application Note 27703.2.
All are provided in Allegro Electronic Data Book, AMS-702. or at
www.allegromicro.com
SENSOR LOCATIONS
(
±0.005” [0.13 mm] die placement)
1
3
2
Dwg. MH-011-10A
0.0195"
0.50 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.082"
2.07 mm
0.055"
1.39 mm
A
Suffix “UA”
Suffix “LT”
0.043"
1.09 mm
1
3
2
Dwg. MH-008-2D
0.0305"
0.775 mm
NOM
ACTIVE AREA DEPTH
0.089"
2.26 mm
A
Allegro


Similar Part No. - UGN3120ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UGN3120LL ALLEGRO-UGN3120LL Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
UGN3120LT ALLEGRO-UGN3120LT Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
UGN3120U ALLEGRO-UGN3120U Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
UGN3120UA ALLEGRO-UGN3120UA Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
More results

Similar Description - UGN3120ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
3141 ALLEGRO-3141 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
   HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com