Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLS05-15B12SS Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSLS05-15B12SS
Description  PSLS05 SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05-15B12SS Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSLS05-15B12SS Datasheet HTML 1Page - Wall Industries,Inc. PSLS05-15B12SS Datasheet HTML 2Page - Wall Industries,Inc. PSLS05-15B12SS Datasheet HTML 3Page - Wall Industries,Inc. PSLS05-15B12SS Datasheet HTML 4Page - Wall Industries,Inc. PSLS05-15B12SS Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev A
PSLS05 SERIES
Up to 5 Watts
AC/DC Converter
Single Output
8/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
Pin Out
Pin
Function
1
AC(N)
3
AC(L)
5
+V(cap)
7
-V(cap)
12
-Vo
14
+Vo
1. It is necessary to add C1 between pin 5 and pin 7.
2. It is necessary to add circuit to the output, such as the typical
application of Fig. 1.
3. It is needed to have distance
≥6.4mm for safety between external
components in primary circuit and secondary circuit.
DESIGN REFERENCE
Typical Application Circuit
Model
C1
(Required)
C2
(Required)
R1
C3
CX1
CY0
NTC
MOV
FUSE
(Required)
TVS
PSLS05-15B03SS
10µF/400V
220µF/35V
12Ω/
2W
100nF/
50V
0.1µF/
275VAC
1nV/
400VAC
13D-5
14D561K
1A/250V
SMBJ7.0A
PSLS05-15B05SS
PSLS05-15B09SS
SMBJ12A
PSLS05-15B12SS
150µF
SMBJ20A
PSLS05-15B15SS
PSLS05-15B24SS
SMBJ30
Note:
1. C1: When AC input, C1 is used as filter capacitor, the value of C1 is recommended to be 10µF/400V.
When DC input, C1 is used as EMC filter capacitor, the value of C1 is recommended to be 10µF/400C (when the input is above 370VDC, the
recommended value of C1 is 10µF/450V)
2. Output filtering capacitor C2 is electrolytic capacitor, C2 is recommended to apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to datasheet. Capacitance withstands voltage derating 80% or above. C3 is ceramic capacitor, which is
used to filter high-frequency noise.


Similar Part No. - PSLS05-15B12SS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS05-15B12SS WALL-PSLS05-15B12SS Datasheet
807Kb / 6P
   Isolation of 3000VAC
More results

Similar Description - PSLS05-15B12SS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com