Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD58-26 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # GD58-26
Description  Grid Dish Parabolic Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD58-26 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  GD58-26 Datasheet HTML 1Page - Laird Tech Smart Technology GD58-26 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5150 TO 5850 MHz GRID DISH PARABOLIC ANTENNA
The 5 GHz parabolic grid directional antennas offered by Laird utilize a unique patented
parabolic grid design with compact high performance feed. The antennas are constructed of
welded steel wires which are galvanized and then powder coat painted with a light gray
epoxy paint. The wire grid semi-parabolic design offers unsurpassed low wind loading while
maintaining good RF performance. The compact low visual impact attractive styling blends
well in almost any application. Mounting is simplified with the Laird bracket system made
of galvanized steel with stainless steel hardware. The antenna comes with a bulkhead N
female connector standard.
FEATURES
• 22 dBi , 26 dBi, and 29 dBi models available
• Rugged and weatherproof
• Ultra low wind loading and low visual impact
• Vertical or horizontal polarization
• Type N female connector
• Super HD bracket models available for
greater stability
MARKETS
• 5 GHz wireless LAN applications
• Point-to-point backhaul
• WiMAX
ANTENNA PATTERNS
Grid Dish Parabolic Antenna
GD5x
GD58-22 HPOL
GD58-26 HPOL
GD58-29 HPOL
GD58-22 VPOL
GD58-26 VPOL
GD58-29 VPOL
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - GD58-26

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GD50 AVX-GD50 Datasheet
105Kb / 1P
   Microwave SLCs ULTRA MAXI Series
GD50 AVX-GD50 Datasheet
107Kb / 1P
   Microwave SLCs
logo
Relpol S.A.
GD50 RELPOL-GD50 Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
GTM CORPORATION
GD500SD GTM-GD500SD Datasheet
139Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GD500SD ETL-GD500SD Datasheet
145Kb / 2P
   The GD500SD is designed for low power rectification and high reliability.
More results

Similar Description - GD58-26

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
GD5W LSTD-GD5W Datasheet
1Mb / 2P
   Grid Dish Parabolic Antenna
S24024P LSTD-S24024P Datasheet
702Kb / 1P
   Parabolic Dish Antenna
logo
Red Lion Controls. Inc
ANT-PD58-32 REDLION-ANT-PD58-32 Datasheet
733Kb / 2P
   Parabolic Dish Antenna System
logo
Harris Corporation
RF-7800W-AT013 HARRIS-RF-7800W-AT013 Datasheet
264Kb / 2P
   Rapidly Deployable Three-Foot Parabolic grid Antenna
logo
List of Unclassifed Man...
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
   HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Shenzhen Ping Sheng Ele...
DR351 PFS-DR351 Datasheet
159Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
DR351 MIC-DR351 Datasheet
46Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
DR251 MIC-DR251 Datasheet
46Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR251 PFS-DR251 Datasheet
159Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
List of Unclassifed Man...
FG-WLY-AL06NF ETC2-FG-WLY-AL06NF Datasheet
286Kb / 2P
   2.4 GHz YAGI grid antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com