Electronic Components Datasheet Search |
|
C1206V392MDRALTU Datasheet(PDF) 6 Page - Kemet Corporation |
|
C1206V392MDRALTU Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 23 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1034_X7R_HV_ARC_SMD • 11/29/2016 6 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) ArcShield Technology, High Voltage, X7R Dielectric, 500 – 1,000 VDC (Commercial & Automotive Grade) Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range −55°C to +125°C Capacitance Change with Reference to +25°C and 0 Vdc Applied (TCC) ±15% 1 Aging Rate (Maximum % Capacitance Loss/Decade Hour) 3.0% 2 Dielectric Withstanding Voltage (DWV) 150% of rated voltage for voltage rating of < 1000V 120% of rated voltage for voltage rating of ≥ 1000V (5±1 seconds and charge/discharge not exceeding 50mA) 3 Dissipation Factor (DF) Maximum Limit at 25°C 2.5% 4 Insulation Resistance (IR) Minimum Limit at 25°C 100 megohm microfarads or 10GΩ (500VDC applied for 120±5 seconds at 25°C) 1 Regarding Aging Rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours. 2 DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the capacitor. 3 Capacitance and dissipation factor (DF) measured under the following conditions: 1kHz ± 50Hz and 1.0 ± 0.2 Vrms if capacitance ≤10µF 120Hz ± 10Hz and 0.5 ± 0.1 Vrms if capacitance >10µF 4 To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 & Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON". Post Environmental Limits High Temperature Life, Biased Humidity, Moisture Resistance Dielectric Rated DC Voltage Capacitance Value Dissipation Factor (Maximum %) Capacitance Shift Insulation Resistance X7R > 25 All 3.0 ±20% 10% of Initial Limit 16/25 5.0 < 16 7.5 |
Similar Part No. - C1206V392MDRALTU |
|
Similar Description - C1206V392MDRALTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |