Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPTA2412 Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TPTA2412
Description  1W 1.5KVDC Isolated Dual Output SMD DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPTA2412 Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TPTA2412 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPTA2412 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPTA2412 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPTA2412 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPTA Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 4 of 4
REEL PACKAGING DETAILS
E ENVELOPE
LEADER SECTION
400MIN
CARRIER TAPE START
100MIN
GOODS ENCLOSURE
SECTION
TRAILER SECTION
160MIN
Product Orientation
Pin 1, located nearest to carrier drive sprocket
Reel quantity : 500 PCS
TOPPOWER


Similar Part No. - TPTA2412

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
More results

Similar Description - TPTA2412

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPTE TOPPOWER-TPTE Datasheet
656Kb / 3P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V_19 Datasheet
716Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE TOPPOWER-TPE_19 Datasheet
709Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE24V TOPPOWER-TPE24V Datasheet
634Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE12V TOPPOWER-TPE12V Datasheet
674Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TP2L-1W TOPPOWER-TP2L-1W_17 Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V Datasheet
712Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE-E TOPPOWER-TPE-E Datasheet
257Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
   1W 3KVDC Isolated Dual Output SMD DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com