Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2154096-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2154096-1
Description  25W Triac Dimmable LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2154096-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2154096-1 Datasheet HTML 1Page - TE Connectivity Ltd 2154096-1 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The NEVALO 25W triac dimmable LED driver is a high efficiency, power
factor corrected supply with a unique color coded, keyed interconnect
design that ensures optimal power is delivered to LEDs. The driver is
designed with built-in voltage and thermal protection and is warranted for
5 years when used with the NEVALO SSL System.
NEVALO SSL System
25W Triac Dimmable LED Driver
1000mA Constant Current
APPLICATIONS
Retail and light commercial
Downlights
Track and spots
Wall mount
MECHANICAL CONSTRUCTION
Body: GF PBT, Natural
Input Wire: 18AWG Stranded, UL 1007 PVC 300V,
Neutral - White
Line/Mains - Black
NEVALO Connector: GF LCP, Natural
ENVIRONMENTAL
Storage Temperature: -40°C to 85°C
Temperature (Max) T
C : 80°C
Max Ambient Operating Temperature: 50°C
Operational Life: 5 years
Humidity: 5-95% non-condensing
Sound: Class A
Vibration: EIA-364-28
ROHS Compliant: Yes
ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max Units
Input
Voltage (V
in)
110
120
132
VAC
Frequency (freq
in)
47
63
Hz
Power Factor (PF)
V
in = 120VAC at rated load
0.95
.99
WVA
Efficiency
I
O at rated load, Vin = 110VAC
76
%
THD
V
in = 120VAC at rated load
10
18
%
Inrush Current (I
in) MAX
V
in = 120VAC
0.4
A
Output
Voltage (V
O)
At rated load
8
25
VDC
Current (I
O)
1000
mA
Current Regulation
3
5
%
Set Point
Current Accuracy
V= 108VAC-132VAC
3
%
Ripple Current (I
R)
No dimming
40
%
Dimming
Analog Dimming
Resolution
0.2
100
%
Start-Up Time
Vin = 110VAC to 90% of
full scale of IO
No dimmer or 100% of
Full Scale Current
50% of Full Scale Current
10% of Full Scale Current
1% of Full Scale Current
.2
.5
1
2.5
s
s
s
s
Protection
Over-Voltage
Limit Threshold
YES
Output Current
Short Protection
YES
Short and Open Circuit
YES
Typical values are at Tc = 25°C
Features
› High efficiency, 76% typical
› Power factor >.0.95
› UL recognized, Class 2 isolation
› Dimming to less than 10%
› Compatible with most leading-edge and
trailing-edge dimmers
› Protection
» 4 wire output thermal protection
» Short circuit
» Input high voltage
» Over voltage
» Over current
› Dry and damp location compatible
› 5 year warranty with NEVALO System
nevalo.com
te.com
© 2011 Tyco Electronics Corporation. All Rights Reserved.
6-1773459-3 CIS PDF 04/2011
NEVALO, TE (logo) and TE Connectivity are trademarks of the TE Connectivity group of companies and its licensors.
Other products, logos, and company names mentioned herein may be trademarks of their respective owners.


Similar Part No. - 2154096-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2154092-1 TEC-2154092-1 Datasheet
606Kb / 2P
   10W Triac Dimmable LED Driver
2154095-1 TEC-2154095-1 Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
More results

Similar Description - 2154096-1

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA025H-350A-H PHIHONG-PDA025H-350A-H Datasheet
329Kb / 4P
   25W Triac Dimmable Constant Current LED Driver Residential LED Driver
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
logo
Cirrus Logic
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com