Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD480512D-3W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPD480512D-3W
Description  3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPD480512D-3W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPD480512D-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPD480512D-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPD480512D-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPD-3W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
All specifications typical at TA=25 °C, nominal input voltage and rated output current unless otherwise specified.
APPLICATION NOTE
1.Requirement on output load
In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full load), a minimum load is specified for this kind of DC/DC
converter. Make sure the specified range of input voltage is not exceeded, the minimum output load no less than 10% load. If the actual load is less than the
specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly. If the actual output power is very small, please
add an appropriate resistor as extra loading, or contact our company for other lower output power products.
2. Recommended Circuit
All the TPD-3W Series have been tested according to the following recommended testing circuit before leaving factory. This series should be tested under load
(see Figure 1). If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the
capacitance should not be too high, or may cause start-up problem. If you want to use the products in high EMI, please choose our metal packaged products
(TPD-3W). For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
General: Cin: 5V,12V 100μF
24V,48V 22μF/10μF
Cout: 10μF/100mA
Output External Capacitor Table(Table 1)
Vout(VDC)
Cout(VDC)
5
680
9
470
12
330
15
220
24
100
RECOMMENDED CIRCUIT(Figure 1))
3. Input current
While using unstable power source, please ensure the output voltage and ripple voltage do
not exceed indexes of the converter. The preceding power source must be able to provide for
converter sufficient starting current Ip (Figure 2).
General: Ip ≤1.4*Iin-max
(Figure 2)
ISOLATION SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation capacitance
Input/Output, 100KHz/1V
100
pF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output power
Refer to selection guide
0.3
3
W
Main output voltage accuracy
Refer to recommended circuit
±1
±3
%
Vice-output voltage accuracy
Refer to recommended circuit
±3
±5
%
Load regulation
From 10% to 100% load
±0.5
±1
%
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Temperature drift (Vout)
Refer to recommended circuit
±0.03
%/℃
Ripple
20MHz Bandwidth
20
50
mVp-p
Noise
20MHz Bandwidth
75
150
mVp-p
Switching frequency
100% load, input voltage range
300
KHZ
TOPPOWER


Similar Part No. - TPD480512D-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPD480505SW-1W TOPPOWER-TPD480505SW-1W Datasheet
781Kb / 3P
   1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
More results

Similar Description - TPD480512D-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YDV-3W MICRODC-WRA-YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
   3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
   3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
VRB1205YMD-10WR3 MORNSUN-VRB1205YMD-10WR3 Datasheet
1Mb / 6P
   10W,wide input isolated & regulated single output, DIP packaging, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com