Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1311125-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1311125-1
Description  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1311125-1 Datasheet(HTML) 5 Page - Tyco Electronics

  1311125-1 Datasheet HTML 1Page - Tyco Electronics 1311125-1 Datasheet HTML 2Page - Tyco Electronics 1311125-1 Datasheet HTML 3Page - Tyco Electronics 1311125-1 Datasheet HTML 4Page - Tyco Electronics 1311125-1 Datasheet HTML 5Page - Tyco Electronics 1311125-1 Datasheet HTML 6Page - Tyco Electronics 1311125-1 Datasheet HTML 7Page - Tyco Electronics 1311125-1 Datasheet HTML 8Page - Tyco Electronics 1311125-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
180
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, 50 Ohm (Continued)
PC Board
Vertical Jacks
PC Board
Vertical Plugs
A
B
Jacks
Center
Body
Dim.
Dim.
Part
Type
Contact
Dielectric
Style
Plating
Plating
A
B
No.
7.62
3.94
––
Gold
Gold
.300
.155
TEFLON
MIL Type
413990-1
7.62
3.94
––
Gold
Nickel
.300
.155
TEFLON
MIL Type
413990-2
10.16
2.54
TEFLON
MIL Type
414612-2
––
Gold
Nickel
.400
.100
Gold
Tin
3.94
8.25
TEFLON
Brass,
5221111-1
––
.155
.325
Max.
Stamped
Plugs
Center
Body
Dim.
Dim.
Recommended
Part
Type
Contact
Dielectric
PC Board
Style
Plating
Plating
A
B
Layout
No.
Low Profile (Plug)
Gold
Nickel
3.94
7.62
TEFLON
B
MIL Type
415774-1
Mated Pair
.155
300
A
B
Recommended
PC Board Layout
2.54
[.100]
5.08
[.200]
5.08
[.200]
Ø 1.60
[.063]
4 Plcs.
Ø 1.19
[.047]
Ø 0.97 ± 0.03
[.038 ± .001]
11.53 ± 0.20
[.454 ± .008]
3.94 ± 0.13
[.155 ± .005]
Ø 6.35
[.250]
6.32
[.249]
0.64
[.025]
1.02 ± 0.05
[.040 ± .002]
5.08 ± 0.05
[.200 ± .002]
1.42
[.056]
Typ.
6.35
[.250]
Sq.
Typ.
Recommended
PC Board Layout
Ø 1.60
[.063]
Ø 1.19
[.047]
5.08
[.200]
2.54
[.100]
4 Plcs.
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Similar Part No. - 1311125-1

ManufacturerPart #DatasheetDescription
logo
Heyco.
13111 HEYCO-13111 Datasheet
94Kb / 1P
   Nytye® Nylon Cable Ties
13111 HEYCO-13111 Datasheet
105Kb / 1P
   Nytye® Nylon Cable Ties
13111B HEYCO-13111B Datasheet
94Kb / 1P
   Nytye® Nylon Cable Ties
13111B HEYCO-13111B Datasheet
105Kb / 1P
   Nytye® Nylon Cable Ties
More results

Similar Description - 1311125-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com