Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3141ELT Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3141ELT
Description  SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3141ELT Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3141ELT Datasheet HTML 1Page - Allegro MicroSystems A3141ELT Datasheet HTML 2Page - Allegro MicroSystems A3141ELT Datasheet HTML 3Page - Allegro MicroSystems A3141ELT Datasheet HTML 4Page - Allegro MicroSystems A3141ELT Datasheet HTML 5Page - Allegro MicroSystems A3141ELT Datasheet HTML 6Page - Allegro MicroSystems A3141ELT Datasheet HTML 7Page - Allegro MicroSystems A3141ELT Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3141 THRU 3144
SENSITIVE
HALL-EFFECT SWITCHES
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
SUPPLY CURRENT
SUPPLY CURRENT
10
15
20
25
SUPPLY VOLTAGE IN VOLTS
0
Dwg. GH-041-1
5
0
2.0
4.0
6.0
8.0
10
B
≥ B
OP
B
≤ B
RP
T
= +25
°C
A
0
25
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-039-1
125
-25
V
= 8 V
CC
7.0
6.0
5.0
4.0
150
B
≤ B
RP
B
≥ B
OP
TYPICAL OPERATING CHARACTERISTICS
A3142– SWITCH POINTS
OUTPUT SATURATION VOLTAGE
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°°°°C
200
100
-50
Dwg. GH-040-1
150
-25
125
I
= 20 mA
V
= 4.5–24 V
OUT
CC
0
50
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-044
300
400
200
100
OPERATE POINT
RELEASE POINT
V
= 8 V
CC
150
0
-25
25
75
125
* Complete part number includes a suffix denoting operating temperature range (E- or L-) and package type ( -LT, -U, or -UA).


Similar Part No. - A3141ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
A3141-LT ALLEGRO-A3141-LT Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
A3141-U ALLEGRO-A3141-U Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
A3141-UA ALLEGRO-A3141-UA Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
ITT Industries
A314132A2NCNB ITT-A314132A2NCNB Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
More results

Similar Description - A3141ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
3141 ALLEGRO-3141 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
   HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com