Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVM-110 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # LVM-110
Description  Low cost OEM signal conditioner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LVM-110 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  LVM-110 Datasheet HTML 1Page - TE Connectivity Ltd LVM-110 Datasheet HTML 2Page - TE Connectivity Ltd LVM-110 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSOR SOLUTIONS /// LVM-110 Rev 6
1/2016
Page 1
FEATURES
Low cost/high performance
3-pole Butterworth filter
DIP switch selectable gain, output and
LVDT excitation frequency
20-turn zero suppression & span
potentiometers
APPLICATIONS
Position feedback systems
High density dimensional gaging
Space restrictive installations
Testing systems
Integration into OEM machines
LVM-110
Voltage Output
LVDT/RVDT OEM Signal Conditioner
SPECIFICATIONS
Low cost OEM signal conditioner
Very compact, open PC board design
Multiple unipolar and bipolar output options
DIP switch selectable gain and excitation
2.5, 5, 8 and 10kHz excitation frequencies
Zero and span adjustment potentiometers
Master/slave capability
Card-edge or barrier strip connections
Works with very low input impedance LVDTs and
RVDTs
The LVM-110 is a full-featured LVDT/RVDT signal conditioner that
offers excellent performance on a budget. Operating on either a ±12
or ±15VDC supply voltage, the LVM-110 delivers a full range of
selectable unipolar and bipolar, low noise DC voltage outputs.
Designed to be compatible with most LVDT and RVDT transducers,
the LVM-110 will operate with 5 and 6 electrical connection devices.
This versatility is due to the wide variety of selectable excitation
frequencies, and a generous excitation drive current of 20mA,
allowing operation with transducer input impedances as low as 150
Ohms. The master/slave function (DIP switch selectable) allows
synchronization of multiple conditioners to prevent beat frequencies
and cross talk between transducers. The need for phase correction
adjustment is eliminated thanks to demodulation synchronized to
the sum of the LVDT/RVDT outputs.
The LVM-110 is designed for easy installation, plugged into a
backplane-type connector, or with individual wires connected to the
screw terminal barrier strip. Measuring less than 2.5x2.5 inches, it
can be mounted or stacked using the permanently attached
threaded standoffs, or card-edge guides. All selectable operating
parameters are easily accessed via two DIP switches, simplifying
the gain, frequency and output setup procedure.


Similar Part No. - LVM-110

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
LVM SEI-LVM Datasheet
250Kb / 4P
   Ceramic Housed Vertical Mount Resistor
11/30/2020
logo
Ohmite Mfg. Co.
LVM06 OHMITE-LVM06 Datasheet
490Kb / 2P
   Switching Power Supply
LVM06 OHMITE-LVM06 Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
LVM06FTR010E-TR OHMITE-LVM06FTR010E-TR Datasheet
490Kb / 2P
   Switching Power Supply
More results

Similar Description - LVM-110

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com