Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-01 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # LL-01
Description  Proven ultrasonic technology combined with compact electronics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LL-01 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  LL-01 Datasheet HTML 1Page - TE Connectivity Ltd LL-01 Datasheet HTML 2Page - TE Connectivity Ltd LL-01 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LL-01 SERIES
– RELAY VERSION
SENSOR SOLUTIONS /// LL-01 Relay
9/2015
Page 2
PERFORMANCE SPECIFICATIONS
Parameter
Typical Value
Parameter
Typical Value
Repeatability
2 mm or better
Sensor Material
316L Stainless Steel
Delay
0.5 seconds
Temperature
-20 to +176° F (-29 to 80 °C)
Input Power
5 to 30 VDC
Operating Pressure
Up to 250 psig (1724 Kpa)
Leakage Current
Less than 50 μA
Mounting
1/4” NPT or 1/2” NPT
Output (standard)
Mechanical Relay: 0.5 A, 10 W
max; SPST (normally open)
Cable Length
1, 4, 10, & 20 foot lengths
available
MECHANICAL DIMENSIONS in inches [mm]
Figure 1: Left - LL-
01 series element with ¼” NPT sensor mounting
Right - LL-
01 series element with ½” NPT sensor mounting
TYPICAL WIRING DIAGRAM
Relay Output
Figure 2: Typical wiring diagram for LL-01 series elements


Similar Part No. - LL-01

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LL-01 TEC-LL-01 Datasheet
194Kb / 3P
   RELAY VERSION
LL-01 TEC-LL-01 Datasheet
195Kb / 3P
   POWER LOOP
LL-01 TEC-LL-01_V01 Datasheet
194Kb / 3P
   RELAY VERSION
LL-01 TEC-LL-01_V02 Datasheet
195Kb / 3P
   POWER LOOP
More results

Similar Description - LL-01

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XA3S500E-4PQG208I XILINX-XA3S500E-4PQG208I Datasheet
723Kb / 37P
   Proven advanced 90-nanometer process technology
logo
Advanced Thermal Soluti...
ATS-HP-D5L200S40W-007 ATS-ATS-HP-D5L200S40W-007 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
ATS-HP-D5L300S25W-008 ATS-ATS-HP-D5L300S25W-008 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
ATS-HP-D6L200S45W-009 ATS-ATS-HP-D6L200S45W-009 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
ATS-HP-D5L200G40W-003 ATS-ATS-HP-D5L200G40W-003 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
ATS-HP-D5L300G25W-004 ATS-ATS-HP-D5L300G25W-004 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
ATS-HP-D6L200G45W-005 ATS-ATS-HP-D6L200G45W-005 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
ATS-HP-D3L100S18W-112 ATS-ATS-HP-D3L100S18W-112 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
ATS-HP-D4L300G20W-002 ATS-ATS-HP-D4L300G20W-002 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
ATS-HP-D3L200S9W-114 ATS-ATS-HP-D3L200S9W-114 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
R8-0118
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com