Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G-MRCO-016 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # G-MRCO-016
Description  AMR Sensor with 180째 period
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-016 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  G-MRCO-016 Datasheet HTML 1Page - TE Connectivity Ltd G-MRCO-016 Datasheet HTML 2Page - TE Connectivity Ltd G-MRCO-016 Datasheet HTML 3Page - TE Connectivity Ltd G-MRCO-016 Datasheet HTML 4Page - TE Connectivity Ltd G-MRCO-016 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-016 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KMT32B
Magnetic Angle Sensor
SENSOR SOLUTIONS /// KMT32B Rev 6
1/2016
Page 2
APPLICATIONS
Absolute and incremental angle measurement
Automotive (steering angle, torque)
Robotics
Camera positioning
Potentiometer replacement
Position measurement in medical applications
Motor motion control
CHARACTERISTIC VALUES
Parameter
Symbol
Condition
Min
Typ
Max
Unit
A. Operating Limits
Max. supply voltage
Vcc,max
10
V
Max. current (single bridge)
Icc,max
4
mA
Operating temperature
Top
-40
+150
C
Storage temperature
Tst
-40
+150
C
B. Sensor Specifications (T=25 °C)
Supply voltage
Vcc
5
V
Resistance (single bridge)
Rb
2400
3000
3600
Output signal amplitude
VPEAK
Condition A, B
9
11
13
mV/V
Offset voltage
VOFF
Condition A, B
-1
0
+1
mV/V
Angular inaccuracy

Condition A, B
0.05
0.2
deg
Angular hysteresis

H
Condition A, B
0.1
deg
C. Sensor Specifications
TC of amplitude
TCSV
Condition A, C
-0.35
%/K
TC of resistance
TCBR
Condition A, C
+0.35
%/K
TC of offset
TCVoff
Condition A, C
-4
0
+4
µV/V/K
Stress above one or more of the limiting values may cause permanent damage to the device. Exposure to limiting
values for extended periods may affect device reliability.
MEASUREMENT CONDITIONS
Parameter
Symbol
Unit
Condition
Condition A: Set Up Conditions
Ambient temperature
T
°C
T = 25 °C (unless otherwise noted)
Supply voltage
Vcc
V
Vcc = 5 V
Applied magnetic field
H
kA/m
H = 25 kA/m


Similar Part No. - G-MRCO-016

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
G-MRCO-011 TEC-G-MRCO-011 Datasheet
373Kb / 9P
   Linear Magnetic Field Sensors
G-MRCO-017 TEC-G-MRCO-017 Datasheet
287Kb / 6P
   AMR Switching-Sensor
More results

Similar Description - G-MRCO-016

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com