Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA6260QR2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMA6260QR2
Description  짹1.5g Dual Axis Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA6260QR2 Datasheet(HTML) 1 Page - Motorola, Inc

  MMA6260QR2 Datasheet HTML 1Page - Motorola, Inc MMA6260QR2 Datasheet HTML 2Page - Motorola, Inc MMA6260QR2 Datasheet HTML 3Page - Motorola, Inc MMA6260QR2 Datasheet HTML 4Page - Motorola, Inc MMA6260QR2 Datasheet HTML 5Page - Motorola, Inc MMA6260QR2 Datasheet HTML 6Page - Motorola, Inc MMA6260QR2 Datasheet HTML 7Page - Motorola, Inc MMA6260QR2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MMA6260Q
Rev. 2, 10/2004
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2004. All rights reserved.
±1.5g Dual Axis
Micromachined Accelerometer
The MMA6200 series of low cost capacitive micromachined accelerometers
feature signal conditioning, a 1-pole low pass filter and temperature compen-
sation. Zero-g offset full scale span and filter cut-off are factory set and require
no external devices. A full system self-test capability verifies system function-
ality.
Features
High Sensitivity
Low Noise
Low Power
2.7 V to 3.6 V Operation
6mm x 6mm x 1.98 mm QFN
Integral Signal Conditioning with Low Pass Filter
Linear Output
Ratiometric Performance
•Self-Test
Robust Design, High Shocks Survivability
Typical Applications
Tilt Monitoring
Position & Motion Sensing
Freefall Detection
Impact Monitoring
Appliance Control
Vibration Monitoring and Recording
Smart Portable Electronics
ORDERING INFORMATION
Device Name
Bandwidth
Response
IDD
Case No.
Package
MMA6260Q
50 Hz
1.2 mA
1477-01
QFN-16, Tube
MMA6260QR2
50 Hz
1.2 mA
1477-01
QFN-16,Tape & Reel
MMA6261Q
300 Hz
1.2 mA
1477-01
QFN-16, Tube
MMA6261QR2
300 Hz
1.2 mA
1477-01
QFN-16,Tape & Reel
MMA6262Q
150 Hz
2.2 mA
1477-01
QFN-16,Tube
MMA6262QR2
150 Hz
2.2 mA
1477-01
QFN-16,Tape & Reel
MMA6263Q
900 Hz
2.2 mA
1477-01
QFN-16, Tube
MMA6263QR2
900 Hz
2.2 mA
1477-01
QFN-16,Tape & Reel
MMA6260Q Series: X-Y AXIS SENSITIVITY
MICROMACHINED ACCELEROMETER
±1.5 g
Bottom View
N/C
N/C
VDD
VSS
N/C
N/C
N/C
1
2
3
4
16 15 14
12
11
10
9
7
56
8
ST
13
Pin Assignment
MMA6260Q
MMA6261Q
MMA6262Q
MMA6263Q
16 LEAD QFN
CASE 1477-01
Top View


Similar Part No. - MMA6260QR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6260QR2 FREESCALE-MMA6260QR2 Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260QR2 NXP-MMA6260QR2 Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
More results

Similar Description - MMA6260QR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA2260 FREESCALE-MMA2260 Datasheet
273Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260D NXP-MMA2260D Datasheet
305Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
logo
Freescale Semiconductor...
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
   짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
Freescale Semiconductor...
KIT3376MMA7361L FREESCALE-KIT3376MMA7361L Datasheet
176Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
   짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com