Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

413990-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 413990-2
Description  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

413990-2 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 413990-2 Datasheet HTML 5Page - Tyco Electronics 413990-2 Datasheet HTML 6Page - Tyco Electronics 413990-2 Datasheet HTML 7Page - Tyco Electronics 413990-2 Datasheet HTML 8Page - Tyco Electronics 413990-2 Datasheet HTML 9Page - Tyco Electronics 413990-2 Datasheet HTML 10Page - Tyco Electronics 413990-2 Datasheet HTML 11Page - Tyco Electronics 413990-2 Datasheet HTML 12Page - Tyco Electronics 413990-2 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
184
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, Mini 75 Ohm (Continued)
RG Cable
Center Contact
Outer Contact
Body
Part No.
Plating
Plating
Plating
179, 187
Gold
Nickel
Nickel
5415484-1
179, 187
Gold
Gold
Nickel
5415484-2
RD 179
Gold
Gold
Nickel
5415484-3
RG Cable
Center Contact
Outer Contact
Body
Part No.
Plating
Plating
Plating
179, 187
Gold
Gold
Nickel
5415487-1
179, 187
Gold
Nickel
Nickel
5415487-2
RD 179
Gold
Nickel
Nickel
5415487-3
RG Cable
Center Contact
Body
Part No.
Plating
Plating
179, 187
Gold
Nickel
415500-1
Ø 6.35
[.250]
Ø 1.73
[.068]
Ø 2.64
[.104]
17.78
[.700]
Ref.
9.78 ± 0.25
[.385 ± .010]
13.7
[.539]
Max.
16.0
[.630]
Ref.
Ø 6.35
[.250]
10.21
[.402]
Ref.
22.86
[.900]
Max.
6.35
[.250]
Hex.
10.92
[.430]
9.7
[0.38]
Ø 3.66 ± 0.05
[.144 ± .002]
4.52
[.178]
Ø 5.03
[.198]
Recommended
PC Board Layout
Straight Plug
Right-Angle Plug
Bulkhead Jack
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.


Similar Part No. - 413990-2

ManufacturerPart #DatasheetDescription
logo
Heyco.
4139 HEYCO-4139 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
Belden Inc.
413945 BELDEN-413945 Datasheet
139Kb / 2P
   Surveillance CCTV, RG-11 #14 BC, 95% BC Braid, LSZH Jkt.
12-19-2022
413945.00305 BELDEN-413945.00305 Datasheet
139Kb / 2P
   Surveillance CCTV, RG-11 #14 BC, 95% BC Braid, LSZH Jkt.
12-19-2022
413945.00500 BELDEN-413945.00500 Datasheet
139Kb / 2P
   Surveillance CCTV, RG-11 #14 BC, 95% BC Braid, LSZH Jkt.
12-19-2022
413945.01500 BELDEN-413945.01500 Datasheet
139Kb / 2P
   Surveillance CCTV, RG-11 #14 BC, 95% BC Braid, LSZH Jkt.
12-19-2022
More results

Similar Description - 413990-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com