Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51S12L-000S3 Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 51S12L-000S3
Description  Open Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

51S12L-000S3 Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  51S12L-000S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 51S12L-000S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 51S12L-000S3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
BNC
50
Open Circuit
Plug
51S12L-000S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-1499
Email : info@rosenberger.de
Page
3 / 3
Declaration of calibration options
Factory Calibration
Standard delivery for this calibration standard includes a Factory Calibration. The Calibration Certificate
issued reports individual calibration results, traceable to Rosenberger standards, national / international
standards are not available. Model based standard definitions are individually optimized and reported in an
Agilent/Keysight, Rohde & Schwarz and Anritsu compatible VNA format.
Accredited Calibration
Not available.
For further, more detailed information see application note AN001 on the Rosenberger homepage.
Calibration interval
Recommendation
12 months
Packing
Standard
1 pce in box
Weight
47 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
28.01.05
Martin Moder
09.07.15
e00
14-1492
Manfred Ruf
09.07.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 51S12L-000S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
51S12L-000S3 ROSENBERGER-51S12L-000S3 Datasheet
646Kb / 3P
   Calibration Kit
More results

Similar Description - 51S12L-000S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
119S12L-000D3 ROSENBERGER-119S12L-000D3 Datasheet
583Kb / 3P
   Open Circuit
08K12L-000S3 ROSENBERGER-08K12L-000S3 Datasheet
90Kb / 3P
   Open Circuit
02K12L-000S3 ROSENBERGER-02K12L-000S3 Datasheet
542Kb / 3P
   Open Circuit
02S12L-000S3 ROSENBERGER-02S12L-000S3 Datasheet
547Kb / 3P
   Open Circuit
09S12L-000S3 ROSENBERGER-09S12L-000S3 Datasheet
92Kb / 3P
   Open Circuit
09K12L-000S3 ROSENBERGER-09K12L-000S3 Datasheet
88Kb / 3P
   Open Circuit
119K12L-000D3 ROSENBERGER-119K12L-000D3 Datasheet
585Kb / 3P
   Open Circuit
51K12L-000S3 ROSENBERGER-51K12L-000S3 Datasheet
92Kb / 3P
   Open Circuit
08S12L-000S3 ROSENBERGER-08S12L-000S3 Datasheet
99Kb / 3P
   Open Circuit
18K12L-000D3 ROSENBERGER-18K12L-000D3 Datasheet
548Kb / 3P
   Open Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com