Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA126 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MA126
Description  Low G Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MA126 Datasheet(HTML) 2 Page - Motorola, Inc

  MA126 Datasheet HTML 1Page - Motorola, Inc MA126 Datasheet HTML 2Page - Motorola, Inc MA126 Datasheet HTML 3Page - Motorola, Inc MA126 Datasheet HTML 4Page - Motorola, Inc MA126 Datasheet HTML 5Page - Motorola, Inc MA126 Datasheet HTML 6Page - Motorola, Inc MA126 Datasheet HTML 7Page - Motorola, Inc MA126 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Sensor Device Data
Freescale Semiconductor
MMA1260D
MAXIMUM RATINGS (Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating
Symbol
Value
Unit
Powered Acceleration (all axes)
gpd
1500
g
Unpowered Acceleration (all axes)
gupd
2000
g
Supply Voltage
VDD
--0.3to+7.0
V
Drop Test(1)
Hdrop
1.2
m
Storage Temperature Range
Tstg
--40 to +125
°C
NOTES:
1. Dropped onto concrete surface from any axis.
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic
discharge.
Although the Freescale Semiconductor accelerometers
contain internal 2kV ESD protection circuitry, extra precau-
tion must be taken by the user to protect the chip from ESD.
A charge of over 2000 volts can accumulate on the human
body or associated test equipment. A charge of this magni-
tude can alter the performance or cause failure of the chip.
When handling the accelerometer, proper ESD precautions
should be followed to avoid exposing the device to dis-
charges which may be detrimental to its performance.


Similar Part No. - MA126

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MA1269 MPSIND-MA1269 Datasheet
147Kb / 1P
   HF FLYBACK TRANSFORMER
More results

Similar Description - MA126

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
   Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1220 FREESCALE-MMA1220 Datasheet
282Kb / 10P
   Low G Micromachined Accelerometer
MMA1270EG FREESCALE-MMA1270EG Datasheet
231Kb / 9P
   Low G Micromachined Accelerometer
MMA2201D FREESCALE-MMA2201D Datasheet
276Kb / 10P
   Low G Micromachined Accelerometer
logo
NXP Semiconductors
MMA2201KEG NXP-MMA2201KEG Datasheet
176Kb / 11P
   Low-g Micromachined Accelerometer
Rev 1, 08/2012
logo
Freescale Semiconductor...
MMA1260KEG FREESCALE-MMA1260KEG Datasheet
143Kb / 9P
   Low G Micromachined Accelerometer
MMA1254 FREESCALE-MMA1254 Datasheet
135Kb / 10P
   Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA1260KEG NXP-MMA1260KEG Datasheet
176Kb / 9P
   Low G Micromachined Accelerometer
Rev 0, 11/2009
logo
Freescale Semiconductor...
MMA2244EG FREESCALE-MMA2244EG Datasheet
235Kb / 10P
   Low G Micromachined Accelerometer
MMA2201KEG FREESCALE-MMA2201KEG_12 Datasheet
125Kb / 11P
   Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com