Electronic Components Datasheet Search |
|
1-1571076-0 Datasheet(PDF) 4 Page - Tyco Electronics |
|
1-1571076-0 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 4 page Power Rocker Switches Series PRD F24 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F 1.00 [25.4] x 1.09 [27.6] Panel Cutout Product Facts n Easy to install snap-in mounting n Full illuminated rocker option n Wide range of marking options and functions available n FASTON .250 Tab terminals n Cost competitive .063 ±.008 [1.6 ±0.2] .992 ±.008 [25.2 ±0.2] .031 [0.80] 0.89 [22.5] 1.28 ±.04 [32.5 ±1.0] .37 ±.02 [9.3 ±0.5] 1.078 ±.008 [27.4 ±0.2] .250 ±.004 [6.35 ±0.1] .472 ±.020 [12.0 ±0.5] FASTON Tab Terminal Rocker Button Switch Frame .19 ±.02 [4.8 ±0.5] 1.24 [31.5] 1.15 [29.3] Tyco Alcoswitch Electronics 1571103-1 PRDDA1-16F-BB000 1571103-2 PRDDA1-16F-BB0BW 1571103-3 PRDDA1-16F-BB0CW 1571103-4 PRDDA1-16F-BR000 1571103-5 PRDDA1-16F-BB0HW 1571103-6 PRDDA1-16F-BR0HW 1571113-7 PRDDD3-16F-BR000 Tyco Alcoswitch Electronics 1571112-1 PRDDB1-16F-BR000 1571112-2 PRDDB1-16F-BA000 1571113-1 PRDDD1-16F-BB000 1571113-2 PRDDD1-16F-BB0DW 1571113-3 PRDDD1-16F-BB0EW 1571113-4 PRDDD3-16F-BB000 1571113-5 PRDDD3-16F-BB0FW 1571113-6 PRDDD3-16F-BB0GW PR D D XX XX XX X X Switch Functions A1 ON-OFF; opaque, single-color rocker button B1 ON-OFF; transparent, lamp-illuminated rocker button (100-125 V lamp voltage) B3 ON-OFF; transparent, lamp-illuminated rocker button (200-250 V lamp voltage) D1 ON-ON; opaque, single-color rocker button D3 ON-OFF-ON; opaque, single-color rocker button G Green R Red W White Number of Poles S Double Pole Panel Cut-out Size B 1.00 [25.4] x 1.09 [27.6] Switch Type PR Power Rockers Secondary Rocker Color, Window Color, or LED Color 0 Not Applicable Frame Color B Black W White Rocker Color A Amber B Black C Clear Terminal Type F FASTON Tab Power Rating 16 16A, 1/3 Hp @ 125 VAC 10A, 1/2 Hp @ 250 VAC X Legend Text Pattern 0 Not Applicable A Dot B o -- C o | D - = E | || F - o = G | o || H ON OFF X Legend Text Color 0 Not Applicable B Black G Green R Red W White — — Part No. Alcoswitch Part Number * Refer to Pages F21 for Product Specifications |
Similar Part No. - 1-1571076-0 |
|
Similar Description - 1-1571076-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |