Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB10.245 Datasheet(PDF) 3 Page - PULS GmbH

Part # UB10.245
Description  DC-UPS, DUAL OUTPUT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB10.245 Datasheet(HTML) 3 Page - PULS GmbH

  UB10.245 Datasheet HTML 1Page - PULS GmbH UB10.245 Datasheet HTML 2Page - PULS GmbH UB10.245 Datasheet HTML 3Page - PULS GmbH UB10.245 Datasheet HTML 4Page - PULS GmbH UB10.245 Datasheet HTML 5Page - PULS GmbH UB10.245 Datasheet HTML 6Page - PULS GmbH UB10.245 Datasheet HTML 7Page - PULS GmbH UB10.245 Datasheet HTML 8Page - PULS GmbH UB10.245 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
UB10.245
U–Series
DC-UPS, DUAL OUTPUT
5. INPUT
Input voltage
nom.
DC 24V
Input voltage ranges
nom.
22.5 to 30Vdc
Continuous operation, see Fig. 5-1
30 to 35Vdc
Temporarily allowed, no damage to the DC-UPS *)
35Vdc
Absolute maximum input voltage with no damage to the
DC-UPS
0 to 22.5Vdc
The DC-UPS switches into buffer mode and delivers
output voltage from the battery if the input was above
the turn-on level before and all other buffer conditions
are fulfilled.
Allowed input voltage ripple
max.
1.5Vpp
Bandwidth <400Hz
1Vpp
Bandwidth 400Hz to 1kHz
Allowed voltage between input
and earth (ground)
max.
60Vdc or
42.4Vac
Turn-on voltage
typ.
max.
22.8Vdc
23Vdc
The output does not switch on if the input voltage does
not exceed this level.
Input current **)
typ.
140mA
Internal current consumption
typ.
1.1A
Current consumption for battery charging in constant
current mode at 24V input See Fig. 8-2 ***)
External capacitors on the input
No limitation
*)
The DC-UPS shows “Check Wiring” with the red LED and buffering is not possible
**) The total input current is the sum of the output current, the current which is required to charge the battery during the
charging process and the current which is needed to supply the DC-UPS itself. See also Fig. 5-2. This calculation does not apply
in overload situations where the DC-UPS limits the output current, therefore see Fig. 5-3.
***) Please note: This is the input current and not the current which flows into the battery during charging. The battery current can
be found in chapter 8.
Fig. 5-1 Input voltage range
Fig. 5-2 Input current, definitions
A: Rated input voltage range
B: Temp. allowed, no harm to the unit
C: Absolute max. input voltage
D: Buffer mode
V
IN
18
30
35V
22.5
0
AB
C
D
V
OUT
Internal
current
consumption
Current
consumption
for battery
charging
Output
Current
Input
Current
Fig. 5-3 Input current vs. 24V output current,
typ. (battery fully charged)
Electronic output current limitation
The DC-UPS is equipped with an electronic output
current limitation. This current limitation works in a
switching mode which reduces the power losses and
heat generation to a minimum. As a result, the
output voltage drops since there is not enough
current to support the load. A positive effect of the
current limitation in switching mode is that the input
current goes down despite an increase in the output
current resulting in less stress for the supplying
source.
0
0
5
10
15
20A
Output Current
48
12
20A
Output Voltage
15
20V
Overload
Inp
ut
Cu
rre
nt
10
3/24
Fig. 5-3 shows the behavior when the 12V is
not loaded. Power which is taken out from the 12V
reduces the power on the 24V side.
June. 2010 / Rev. 1.1 Datasheet DS-UB10.245-EN
All parameters are specified at an input voltage of 24V, 10A output load, 25°C ambient and after a 5 minutes run-in time
unless otherwise noted. It is assumed that the input power source can deliver a sufficient output current.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - UB10.245

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UB10.241 PULS-UB10.241 Datasheet
700Kb / 23P
   DC-UPS CONTROL UNIT
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
More results

Similar Description - UB10.245

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
   DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
   DC-UPS
logo
Mean Well Enterprises C...
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
   155W Dual Output with Battery Charging UPS Function
logo
Maxim Integrated Produc...
MAX8614A MAXIM-MAX8614A Datasheet
398Kb / 15P
   Dual-Output ( and -) DC-DC
Rev 0; 3/06
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com