Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPT2400NMOHF Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # SLPT2400NMOHF
Description  ON-VEHICLE LOW PROFILE ANTENNA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SLPT2400NMOHF Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  SLPT2400NMOHF Datasheet HTML 1Page - Pulse A Technitrol Company SLPT2400NMOHF Datasheet HTML 2Page - Pulse A Technitrol Company SLPT2400NMOHF Datasheet HTML 3Page - Pulse A Technitrol Company SLPT2400NMOHF Datasheet HTML 4Page - Pulse A Technitrol Company SLPT2400NMOHF Datasheet HTML 5Page - Pulse A Technitrol Company SLPT2400NMOHF Datasheet HTML 6Page - Pulse A Technitrol Company SLPT2400NMOHF Datasheet HTML 7Page - Pulse A Technitrol Company SLPT2400NMOHF Datasheet HTML 8Page - Pulse A Technitrol Company SLPT2400NMOHF Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Issue: 1640
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: ON-VEHICLE LOW PROFILE ANTENNA
PART NUMBER: Black: SLPTXXX / White: SLPTXXXW
Series: Shadow
ELECTRICAL SPECIFICATIONS
5
Project
Frequency
VSWR
Peak Gain
Efficiency
SLPT2400NMOHFW
2400-2500MHz
1.5:1
5.06dBi
79%
SLPT2400NMOHF
SLPT4900NMOHFW
4900-6000MHz
2:1
5.09dBi
71%
SLPT4900NMOHF
SLPT245NMOHFW
2400-2500MHz
4900-6000MHz
1.5:1(2.4-2.5GHz)
2:1(4.9-6GHz)
5.06dBi
5.09dBi
79%
71%
SLPT2400/5900NMOHF
SLPT2400DMNW
2400-2500MHz
1.5:1
4.78dBi
75%
SLPT2400DMN
SLPT4900DMNW
4900-6000MHz
2:1
5.14dBi
73%
SLPT4900DMN
SLPT2400/5900DMNW
2400-2500MHz
4900-6000MHz
1.5:1(2.4-2.5GHz)
2:1(4.9-6GHz)
4.78dBi
5.14dBi
79%
73%
SLPT2400/5900DMN
Nominal Impedance
50
Radiation Pattern
omni
Polarization:
Vertical
Power with standing
10W


Similar Part No. - SLPT2400NMOHF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SLPT2400NMOHF PULSE-SLPT2400NMOHF Datasheet
503Kb / 3P
   All NMO mount antennas listed in this catalog section require the NMOHF-style
More results

Similar Description - SLPT2400NMOHF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5290S PANASONIC-AN5290S Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
logo
American Accurate Compo...
JXTXGPS-CZ-1575-75N AAC-JXTXGPS-CZ-1575-75N Datasheet
48Kb / 2P
   GPS VEHICLE ANTENNA
JXTXGPS-CZ-2702 AAC-JXTXGPS-CZ-2702 Datasheet
70Kb / 1P
   GPS VEHICLE ANTENNA
logo
Pulse A Technitrol Comp...
GPSMB60 PULSE-GPSMB60 Datasheet
5Mb / 36P
   GNSS VEHICLE MOUNT ANTENNA
logo
American Accurate Compo...
JXTXGPS-CZG-2701 AAC-JXTXGPS-CZG-2701 Datasheet
108Kb / 1P
   GPS/GSM Vehicle Antenna
logo
Pulse A Technitrol Comp...
PAN62311DM PULSE-PAN62311DM Datasheet
5Mb / 36P
   GNSS VEHICLE MOUNT ANTENNA
logo
Ultralife Corporation.
AV2086 ULTRALIFE-AV2086 Datasheet
65Kb / 1P
   Low Profile SATCOM-On-The-Move Antenna
23NOV10 REV:-
logo
Pulse A Technitrol Comp...
GPSMB301 PULSE-GPSMB301 Datasheet
2Mb / 19P
   MiMoLTE, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB50XX PULSE-GPSMB50XX Datasheet
2Mb / 29P
   MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com