Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6675 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N6675
Description  Power Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6675 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N6675 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N6674
2N6675
NPN SILICON
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N6674, 2N6675
types are NPN Silicon Triple Diffused Mesa Power
Transistors designed for high voltage switching
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N6674
2N6675
UNITS
Collector-Emitter Voltage
VCEV
450
650
V
Collector-Emitter Voltage
VCEO
300
400
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
15
A
Peak Collector Current
ICM
20
A
Continuous Base Current
IB
5.0
A
Power Dissipation
PD
175
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
1.0
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEV
VCE=Rated VCEV, VBE=1.5V
0.1
mA
ICEV
VCE=Rated VCEV, VBE=1.5V, TC=100°C
1.0
mA
IEBO
VEB=7.0V
2.0
mA
BVCEO
IC=200mA (2N6674)
300
V
BVCEO
IC=200mA (2N6675)
400
V
VCE(SAT) IC=10A, IB=2.0A
1.0
V
VCE(SAT) IC=10A, IB=2.0A, TC=100°C
2.0
V
VCE(SAT) IC=15A, IB=5.0A
5.0
V
VBE(SAT)
IC=10A, IB=2.0A
1.5
V
hFE
VCE=2.0V, IC=10A
8.0
20
IS/b
VCE=30V, IC=5.9A
1.0
s
IS/b
VCE=100V, IC=250mA
1.0
s
hfe
VCE=10V, IC=1.0A, f=5.0MHz
3.0
10
ft
VCE=10V, IC=1.0A, f=5.0MHz
15
50
MHz
Cob
VCB=10V, IE=0, f=100kHz
150
500
pF
TO-3 CASE
R1 (10-March 2011)
www.centr a lsemi.com


Similar Part No. - 2N6675

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6675 MICROSEMI-2N6675 Datasheet
60Kb / 2P
   NPN POWER SILICON TRANSISTOR
2N6675 MICROSEMI-2N6675 Datasheet
344Kb / 3P
   NPN Darlington Transistors
logo
Savantic, Inc.
2N6675 SAVANTIC-2N6675 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6675 JMNIC-2N6675 Datasheet
154Kb / 3P
   Silicon NPN Power Transistors
logo
Seme LAB
2N6675 SEME-LAB-2N6675 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results

Similar Description - 2N6675

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com