Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M49T Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M49T
Description  Low Leakage Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M49T Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M49T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 7. Typical High Level Output Current vs Temperature
Figure 8. Typical Off-State Current vs Temperature (4-Pin Configuration)
Figure 9. Switching Test Circuit
Figure 10. Switching Test Circuit (4-pin configuration)
VO
PULSE
GEN.
ZO = 50
tr = 5 ns
IF MONITOR
IF
0.1
μF
RL
CL = 15 pF
0
tPHL
tPLH
VO
IF
VOL
1.5 V
1
3
6
5
4
2 V
5 V
+5 V
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
25
50
75
100
125
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
25
50
75
100
125
TA - TEMPERATURE - °C
TA - TEMPERATURE - °C
VCC = VO = 15V
15V
12V
5V
3.3V
VO
C = 15 pF
L
PULSE
GEN.
ZO = 50
tr = 5 ns
IF MONITOR
IF
RL
1
3
6
5
4
+5 V


Similar Part No. - ACPL-M49T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M49T BOARDCOM-ACPL-M49T Datasheet
533Kb / 12P
   Qualified to Automotive AEC-Q100 Test Guidelines
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-000E AVAGO-ACPL-M49T-000E Datasheet
168Kb / 11P
   Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
Broadcom Corporation.
ACPL-M49T-000E BOARDCOM-ACPL-M49T-000E Datasheet
533Kb / 12P
   Wide Operating Temperature Automotive R2Coupler??20-kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-500E AVAGO-ACPL-M49T-500E Datasheet
168Kb / 11P
   Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
More results

Similar Description - ACPL-M49T

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NP2502R NAINA-NP2502R Datasheet
135Kb / 2P
   Low Leakage
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
logo
Shanghai Semitech Semic...
ESD5B SEMITECH-ESD5B Datasheet
86Kb / 3P
   Low Leakage
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
   Low Leakage
logo
Central Semiconductor C...
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
   Low Leakage Diode Low Leakage Switching Diode Chip
logo
Broadcom Corporation.
ACFL-5212T-000E BOARDCOM-ACFL-5212T-000E Datasheet
343Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
   Low-leakage diode
2004 Jan 26
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com