Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB900SMA3 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # SB900SMA3
Description  700/800/900/1850 mhz coils/whips
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SB900SMA3 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  SB900SMA3 Datasheet HTML 1Page - Pulse A Technitrol Company SB900SMA3 Datasheet HTML 2Page - Pulse A Technitrol Company SB900SMA3 Datasheet HTML 3Page - Pulse A Technitrol Company SB900SMA3 Datasheet HTML 4Page - Pulse A Technitrol Company SB900SMA3 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
22
www.pulseelectronics.com/products/antennas
700/800/900/1850 MHz
NOTE: Antennas are not to scale
700/800/900/1850 mhz coils/whips
max
power
Frequency
Gain
height
Rating
whip
cable
model
Type
(mhz)
(dBd/dBi)
(in)
(watts)
color
Assembly
conn
LM800
5/8 over 1/2
λ
806-866
3.5/5.6
14.5
200
Stainless
Order Separately
N/A
LM825
5/8 over 1/2
λ
824-896
3.5/5.6
14.5
200
Stainless
Order Separately
N/A
LM900
5/8 over 1/2
λ
890-960
3.5/5.6
14.5
200
Stainless
Order Separately
N/A
NMOQW700
1/4
λ
740-806
0/2
3
200
Stainless
Order Separately
N/A
NMOQW800
1/4
λ
806-896
0/2
3
200
Stainless
Order Separately
N/A
NMOQW900
1/4
λ
890-970
0/2
3
200
Stainless
Order Separately
N/A
NMOQSPEC800B 1/4
λ
806-896
0/2
4
200
Black
Order Separately
N/A
NMOQSPEC900B 1/4
λ
890-970
0/2
4
200
Black
Order Separately
N/A
NMOQ700B
1/4
λ
740-806
0/2
4.5
200
Black
Order Separately
N/A
NMOQ800B
1/4
λ
806-896
0/2
4.5
200
Black
Order Separately
N/A
NMOQ900B
1/4
λ
890-960
0/2
4.5
200
Black
Order Separately
N/A
NMOSPEC800
5/8 over 1/4
λ
806-866
3.3/5.4
13.5
200
Stainless
Order Separately
N/A
NMOSPEC825
5/8 over 1/4
λ
824-896
3.3/5.4
13.5
200
Stainless
Order Separately
N/A
NMOSPEC900
5/8 over 1/4
λ
890-960
3.3/5.4
13.5
200
Stainless
Order Separately
N/A
NMO3HD800B
5/8 over 1/4
λ
806-866
3.3/5.4
13.75
200
Black
Order Separately
N/A
NMO3HD825B
5/8 over 1/4
λ
824-896
3.3/5.4
13.75
200
Black
Order Separately
N/A
NMO3HD800B
5/8 over 1/4
λ
890-960
3.3/5.4
13.75
200
Black
Order Separately
N/A
NMO3E700B
5/8 over 1/4
λ
740-806
3.3/5.4
13.5
200
Black
Order Separately
N/A
NMO3E800B
5/8 over 1/4
λ
806-866
3.3/5.4
13.5
200
Black
Order Separately
N/A
NMO3E825B
5/8 over 1/4
λ
824-896
3.3/5.4
13.5
200
Black
Order Separately
N/A
NMO3E900B
5/8 over 1/4
λ
890-960
3.3/5.4
13.5
200
Black
Order Separately
N/A
NMO700
5/8 over 1/2
λ
740-806
3.5/5.6
12.75
200
Stainless
Order Separately
N/A
NMO800
5/8 over 1/2
λ
806-866
3.5/5.6
12.75
200
Stainless
Order Separately
N/A
NMO825
5/8 over 1/2
λ
824-896
3.5/5.6
12.75
200
Stainless
Order Separately
N/A
NMO900
5/8 over 1/2
λ
890-960
3.5/5.6
12.75
200
Stainless
Order Separately
N/A
NMO800B
5/8 over 1/2
λ
806-866
3.5/5.6
12.75
200
Black
Order Separately
N/A
NMO825B
5/8 over 1/2
λ
824-896
3.5/5.6
12.75
200
Black
Order Separately
N/A
NMO900B
5/8 over 1/2
λ
890-960
3.5/5.6
12.75
200
Black
Order Separately
N/A
NMO5T800B
5/8 over 5/8 over 1/4
λ
806-866
5/7.2
18
200
Black
Order Separately
N/A
NMO5T825B
5/8 over 5/8 over 1/4
λ
824-896
5/7.2
18
200
Black
Order Separately
N/A
NMO5T900B
5/8 over 5/8 over 1/4
λ
890-960
5/7.2
18
200
Black
Order Separately
N/A
NMO5E825B
5/8 over 5/8 over 1/4
λ
824-896
5/7.2
19
200
Black
Order Separately
N/A
NMO5E900B
5/8 over 5/8 over 1/4
λ
890-960
5/7.2
19
200
Black
Order Separately
N/A
Q800
1/4
λ
806-866
0/2
3.5
200
Stainless
Order Separately
N/A
Q900
1/4
λ
890-960
0/2
3.5
200
Stainless
Order Separately
N/A
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17’of UD (RG-58/U Dual Shield).
LM
NMO3HD
NMO5T
NMOSPEC
NMOQW
NMO5E
NMO3E
NMOQSPEC


Similar Part No. - SB900SMA3

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SB9003 PULSE-SB9003 Datasheet
158Kb / 5P
   ANTENNAS
More results

Similar Description - SB900SMA3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
   Low Power 700/800/900 MHz
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
   ZigBit??700/800/900 MHz Wireless Modules
logo
Switchcraft, Inc.
SC700 SWITCH-SC700 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
   800 - 900 MHz LOW NOISE AMPLIFIER
logo
STMicroelectronics
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
   RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
   RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
logo
Infineon Technologies A...
BGA713L7 INFINEON-BGA713L7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.0, 2010-10-04
logo
Advanced Power Technolo...
MS1536 ADPOW-MS1536 Datasheet
121Kb / 4P
   RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
logo
STMicroelectronics
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
   RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com