Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMO220HWBCO Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # NMO220HWBCO
Description  VHF 136-220 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

NMO220HWBCO Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  NMO220HWBCO Datasheet HTML 1Page - Pulse A Technitrol Company NMO220HWBCO Datasheet HTML 2Page - Pulse A Technitrol Company NMO220HWBCO Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1 800 ANTENNA (268-3662)
15
NOTE: Antennas are not to scale
VHF 136-220 MHz
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17’ of UD (RG-58/U Dual Shield).
Glass
Mount
VHF GlAss MounT
Max
power
cable
Frequency
Gain
Height
Rating
whip
Assembly/
Model
Type
(MHz)
(dBd/dBi)
(in)
(watts)
color
Mount
connector
KGFFREQUDPL2
VHF Disguise
140-149
0/2
20
100
Black
14’ RG-58/U
PL-259
KGFFREQUDPL3
VHF Disguise
150-159
0/2
20
100
Black
14’ RG-58/U
PL-259
KGFFREQUDPL4
VHF Disguise
160-170
0/2
20
100
Black
14’ RG-58/U
PL-259
KG144O/S
1/2
λ
144-160
0/2
48
100
Black
Order Separately
KG144UD
1/2
λ
144-160
0/2
48
100
Black
14’ RG-58/U
No Conn
KG144UDPL
1/2
λ
144-160
0/2
48
100
Black
14’ RG-58/U
PL-259
KG160O/S
1/2
λ
160-174
0/2
47
100
Black
Order Separately
KG160UD
1/2
λ
160-174
0/2
47
100
Black
14’ RG-58/U
No Conn
KG160UDPL
1/2
λ
160-174
0/2
47
100
Black
14’ RG-58/U
PL-259
KGVHFUDI/S
Inside Cable Unit 144-174
100
14’
RG-58/U
No Conn
VHF low pRoFile
size
power
cable
Frequency
Gain
H x DiA
Rating
Assembly/
Model
(MHz)
(dBd/dBi)
(in)
(watts)
color
/Mount
LP152NMO
151.02-152.98
0/2
3.75 x 4.5
60
Black
Order Separately
LP154NMO
152.96-155.04
0/2
3.75 x 4.5
60
Black
Order Separately
LP156NMO
154.42-156.58
0/2
3.75 x 4.5
60
Black
Order Separately
LP158NMO
156.38-158.62
0/2
3.75 x 4.5
60
Black
Order Separately
LP160NMO
158.33-160.67
0/2
3.75 x 4.5
60
Black
Order Separately
LP162NMO
160.29-162.71
0/2
3.75 x 4.5
60
Black
Order Separately
LP164NMO
162.75-165.25
0/2
3.75 x 4.5
60
Black
Order Separately
LP167NMO
165.21-167.79
0/2
3.75 x 4.5
60
Black
Order Separately
LP169NMO
167.68-170.32
0/2
3.75 x 4.5
60
Black
Order Separately
LP171NMO
170.16-172.84
0/2
3.75 x 4.5
60
Black
Order Separately
LP174NMO
172.14-174.86
0/2
3.75 x 4.5
60
Black
Order Separately
Low Profile


Similar Part No. - NMO220HWBCO

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMO2 PULSE-NMO2 Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70B PULSE-NMO2/70B Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70BCO PULSE-NMO2/70BCO Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70SH PULSE-NMO2/70SH Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
logo
NIC-Components Corp.
NMO200SGBF NIC-NMO200SGBF Datasheet
95Kb / 3P
   Metal Oxide Film Resistors
More results

Similar Description - NMO220HWBCO

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMO27BCO PULSE-NMO27BCO Datasheet
251Kb / 1P
   Low/Mid Band 27-136 MHz
NMOQSPEC PULSE-NMOQSPEC Datasheet
233Kb / 1P
   TUNABLE 1/4 WAVE 136-960 MHz
logo
Gilway Technical Lamp
155-1456A GILWAY-155-1456A Datasheet
76Kb / 1P
   MR3G-1150-136
logo
KR Electronics, Inc.
3012-220 KR-3012-220 Datasheet
96Kb / 3P
   220 MHz Bandpass Filter
logo
World Produts Inc.
WPANT30068-RA WPI-WPANT30068-RA Datasheet
77Kb / 2P
   143 MHz VHF Whip Antenna
WPANT30036-RA WPI-WPANT30036-RA Datasheet
100Kb / 2P
   200 MHz VHF Whip Antenna
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
logo
OSA Opto Light GmbH
OLS-136HR OSA-OLS-136HR Datasheet
130Kb / 5P
   Series 136 - 1206 - Duplex bicolor
logo
M.S. Kennedy Corporatio...
MSK707 MSK-MSK707_15 Datasheet
499Kb / 6P
   Unity Gain Bandwidth - 220 MHz Typical
logo
Vectron International, ...
MO-9150A VECTRON-MO-9150A Datasheet
356Kb / 5P
   80-220 MHz High Performance Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com