Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24024P Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # S24024P
Description  Parabolic Dish Antenna
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S24024P Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  S24024P Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S24024P
Parabolic Dish Antenna
Angle (degrees)
15
30
45
60
75
90
-75
-90-60
-45-30
-15
0
-5
-10
-15
-20
-25
-30
-35
-40
0
ANT-DS-S24024P 0215
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
ISM BAND PARABOLIC REFLECTOR ANTENNA
Laird's S24024P antenna provides for point-to-point or point-to-multipoint reception and
transmission of linear polarized signals in the 2400-2500 MHz frequency band. Both the antenna and
it’s mounting hardware are extremely rugged assuring users that their criical communications links
will be maintained even in the harshest environments. The mounting hardware allows for ± 20° of
reflector tilt adjustment. The feed is adjustable for vertical horizontal polarization.
MARKETS
WiMAX
PARAMETER
SPECIFICATION
Reflector Size
35 in dia. (88.9)
Frequency (GHz)
2.4-2.5
Gain (dBi)
23.5 minimum
VSWR
1.5:1 maximum
Polarization
Linear Vertical or Horizontal
Front-to-Back Ratio (dB)
35
E-Plane (3dB beamwidth)
10º
H-Plane (3dB beamwidth)
10º
Sidelobes
23 dB typical
Power
50 Watts maximum
RF Connector
Type N Female
Elevation Adjustment
±20°
Weight w/Mounting Hardware 13 lbs (5.8 kg)
Mount Style
Mast
Reflector Material
Aluminum
Wind Survival
120 mph (193 kph)
Mast Diameter
2.5 in Max. (6.3)
S24024P
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - S24024P

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24022S2.7 SUMMIT-S24022S2.7 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022S2.7T SUMMIT-S24022S2.7T Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022SA SUMMIT-S24022SA Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022SAT SUMMIT-S24022SAT Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
More results

Similar Description - S24024P

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
GD5W LSTD-GD5W Datasheet
1Mb / 2P
   Grid Dish Parabolic Antenna
logo
Red Lion Controls. Inc
ANT-PD58-32 REDLION-ANT-PD58-32 Datasheet
733Kb / 2P
   Parabolic Dish Antenna System
logo
Laird Tech Smart Techno...
GD5X LSTD-GD5X Datasheet
1Mb / 2P
   Grid Dish Parabolic Antenna
logo
List of Unclassifed Man...
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
   HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Harris Corporation
RF-7800W-AT013 HARRIS-RF-7800W-AT013 Datasheet
264Kb / 2P
   Rapidly Deployable Three-Foot Parabolic grid Antenna
logo
Shenzhen Ping Sheng Ele...
DR351 PFS-DR351 Datasheet
159Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
DR351 MIC-DR351 Datasheet
46Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
DR251 MIC-DR251 Datasheet
46Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR251 PFS-DR251 Datasheet
159Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
DR501 MIC-DR501 Datasheet
46Kb / 2P
   DISH AUTOMOTIVE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com