Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5233-2.5BM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5233-2.5BM5
Description  High Input Voltage, Low IQ uCap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5233-2.5BM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5233-2.5BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5233-2.5BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5233-2.5BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5233-2.5BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5233-2.5BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5233-2.5BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5233-2.5BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5233-2.5BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5233-2.5BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC5233
Micrel
MIC5233
4
August 2003
Typical Characteristics
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
I
OUT = 100mA
0
50
100
150
200
250
300
350
0
20406080
100
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
I
OUT = 100mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0 0.5 1 1.5 2 2.5 3 3.5 4
INPUT VOLTAGE (V)
Dropout
Characteristics
I
LOAD = 100µA
I
LOAD = 50mA
I
LOAD = 100mA
0
100
200
300
400
500
600
700
800
900
1000
0 1020 3040 5060 7080 90100
OUTPUT CURRENT (mA)
Ground Pin Current
vs. Output Current
V
IN = 4V
10
12
14
16
18
20
22
24
26
28
30
0
100
200
300
400
500
OUTPUT CURRENT (
µA)
Ground Pin Current
vs. Output Current
V
IN = 24V
V
IN = 12V
V
IN = 4V
V
IN = 36V
40
45
50
55
60
65
70
75
80
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Pin Current
vs. Temperature
I
LOAD = 10mA
200
220
240
260
280
300
320
340
360
380
400
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Pin Current
vs. Temperature
I
LOAD = 50mA
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Pin Current
vs. Temperature
I
LOAD = 100mA
0
10
20
30
40
50
60
70
80
90
100
1.5
2
2.5
3
3.5
4
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT = 10µA
I
OUT = 1mA
I
OUT = 100µA
I
OUT = 10µA
200
300
400
500
600
700
800
900
1000
1100
1200
1.5
2
2.5
3
3.5
4
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT=100mA
I
OUT = 50mA
10
15
20
25
30
35
40
4
8 12 16 20 24 28 32 36 40
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
I
OUT = 10µA
I
OUT = 1mA
I
OUT = 100µA


Similar Part No. - MIC5233-2.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233-2.5BM5 MICREL-MIC5233-2.5BM5 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results

Similar Description - MIC5233-2.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Microchip Technology
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
MIC3490 MICROCHIP-MIC3490 Datasheet
942Kb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision A February 2019
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com