Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSEV01S01C90 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # TSEV01S01C90
Description  Contact less Temperature Measurement
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TSEV01S01C90 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  TSEV01S01C90 Datasheet HTML 1Page - TE Connectivity Ltd TSEV01S01C90 Datasheet HTML 2Page - TE Connectivity Ltd TSEV01S01C90 Datasheet HTML 3Page - TE Connectivity Ltd TSEV01S01C90 Datasheet HTML 4Page - TE Connectivity Ltd TSEV01S01C90 Datasheet HTML 5Page - TE Connectivity Ltd TSEV01S01C90 Datasheet HTML 6Page - TE Connectivity Ltd TSEV01S01C90 Datasheet HTML 7Page - TE Connectivity Ltd TSEV01S01C90 Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TSEV01S01C90
SENSOR SOLUTIONS /// TSEV01S01C90
09/2015
Page 6
SAMPLE CODE
Sample Code for sending 8 bits and reading 8 bits while sending 8 clocks.
// Setting directions
TRISC4 = 1;
// SDI = Input
TRISC5 = 0;
// SDO = Output
TRISC3 = 0;
// SCL = Output
// Reset SPI Lines
RC5 = 0;// SDO
RC3 = 0;// SCL
for (c = 0; c < 8; c++)
{
cReceive = cReceive << 1;
// Shift Receive Register
RC3 = 0;
// SCL = 0
RC5 = (cTransmit >> (7 - c));
// Outupt next Bit on SDO
RC3 = 1;
// SCL = 1
cReceive = cReceive | RC4;
// Input next Bit on SDI
}
RC3 = 0;
RC5 = 0;
return cReceive;
AMBIENT AND OBJECT TEMPERATUREMEASUREMENT
Please refer following table for SPI commands to read object temperature and ambient temperature. Both values are transmitted in hundredth
of degrees.
Com
Description
Reply
Bytes
0xA0
Sensor Temperature
Sensor temperature in hundredth of degrees Celsius
2
0xA1
Object Temperature
Object temperature in hundredth of degrees Celsius
2
SEQUENCE OF TRANSMISSION
Enable SCE (SCE=0) before transmission of “Command”. Release SCE (SCE=1) after reading last byte.
Command (0xA0 or 0xA1)
???
0x00
Temperature High Byte
0x00
Temperature Low Byte
MASTER
Sensor
First Transmission
8 Clocks
8 Bits Write
8 Bits Read
Second Transmission
8 Clocks
8 Bits Write
8 Bits Read
Third Transmission
8 Clocks
8 Bits Write
8 Bits Read
8 bits
8 bits
8 bits
8 bits
8 bits
8 bits


Similar Part No. - TSEV01S01C90

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSEV01S01C05 TEC-TSEV01S01C05 Datasheet
257Kb / 8P
   Contact less Temperature Measurement
TSEV01S01C10 TEC-TSEV01S01C10 Datasheet
254Kb / 8P
   Contact less Temperature Measurement
More results

Similar Description - TSEV01S01C90

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSEV01S01C05 TEC-TSEV01S01C05 Datasheet
257Kb / 8P
   Contact less Temperature Measurement
TSEV0108L39 TEC-TSEV0108L39 Datasheet
295Kb / 9P
   Contact less Temperature Measurement
TSEV01S01C10 TEC-TSEV01S01C10 Datasheet
254Kb / 8P
   Contact less Temperature Measurement
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com